Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC3203B Arkusz danych(PDF) 2 Page - Linear Technology

Numer części LTC3203B
Szczegółowy opis  500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTC3203B Arkusz danych(HTML) 2 Page - Linear Technology

  LTC3203B Datasheet HTML 1Page - Linear Technology LTC3203B Datasheet HTML 2Page - Linear Technology LTC3203B Datasheet HTML 3Page - Linear Technology LTC3203B Datasheet HTML 4Page - Linear Technology LTC3203B Datasheet HTML 5Page - Linear Technology LTC3203B Datasheet HTML 6Page - Linear Technology LTC3203B Datasheet HTML 7Page - Linear Technology LTC3203B Datasheet HTML 8Page - Linear Technology LTC3203B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3203/LTC3203-1
LTC3203B/LTC3203B-1
2
32031fa
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
VIN, VOUT to GND ......................................... –0.3V to 6V
MODE, VSEL/FB, SHDN ..................... –0.3V to VIN +0.3V
VOUT Short Circuit Duration ............................. Indefinite
IOUT (Note 2)....................................................... 500mA
Operating Temperature Range (Note 3) ... –40
°C to 85°C
Storage Temperature Range .................. –65
°C to 125°C
ORDER PART NUMBER
DD PART MARKING
TJMAX = 125°C,θJA = 44°C/W,θJC = 3°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
*VSEL ON LTC3203-1/LTC3203B-1. FB ON LTC3203/LTC3203B
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC3203EDD
LTC3203EDD-1
LTC3203BEDD-1
LTC3203BEDD
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
C1–
GND
C2–
VIN
MODE
C2+
VOUT
C1+
SHDN
VSEL/FB*
11
LBQK
LCFH
LCGY
LCGX
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LTC3203/LTC3203-1/LTC3203B/LTC3203B-1
VIN
Input Voltage Range
●
2.7
5.5
V
ISHDN
Shutdown Current
SHDN = 0V, VOUT = 0V
●
1
µA
ROL
Open Loop Output
2x Mode (Note 4), VIN = 2.7V, VOUT = 4.5V
2.0
3.0
Ω
Impedance
1.5x Mode (Note 4), VIN = 3.6V, VOUT = 4.5V
1.5
2.6
Ω
fOSC
CLK Frequency
Oscillator Free Running, 2x Mode
1.0
MHz
Oscillator Free Running, 1.5x Mode
0.9
MHz
VMODEH
MODE Input High Voltage
●
0.874
0.91
0.946
V
VMODEL
MODE Input Low Voltage
●
0.788
0.82
0.852
V
VSHDNH
SHDN Input High Voltage
●
1.3
V
VSHDNL
SHDN Input Low Voltage
●
0.4
V
IMODEH
MODE Input High Current
●
–1
1
µA
IMODEL
MODE Input Low Current
●
–1
1
µA
ISHDNH
SHDN Input High Current
●
–1
1
µA
ISHDNL
SHDN Input Low Current
●
–1
1
µA
ELECTRICAL CHARACTERISTICS The ● denotes specifications which apply over the full specified temperature
range, otherwise specifications are at 25
°C. VIN = 3.6V, C1 = C2 = 2.2µF unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com