Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACT11652DW Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części 74ACT11652DW
Szczegółowy opis  OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

74ACT11652DW Arkusz danych(HTML) 3 Page - Texas Instruments

  74ACT11652DW Datasheet HTML 1Page - Texas Instruments 74ACT11652DW Datasheet HTML 2Page - Texas Instruments 74ACT11652DW Datasheet HTML 3Page - Texas Instruments 74ACT11652DW Datasheet HTML 4Page - Texas Instruments 74ACT11652DW Datasheet HTML 5Page - Texas Instruments 74ACT11652DW Datasheet HTML 6Page - Texas Instruments 74ACT11652DW Datasheet HTML 7Page - Texas Instruments 74ACT11652DW Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
74ACT11652
OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCAS087A – APRIL 1993 – REVISED APRIL 1996
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLE
INPUTS
DATA I/O†
OPERATION OR FUNCTION
GAB
GBA
CAB
CBA
SAB
SBA
A1–A8
B1–B8
OPERATION OR FUNCTION
L
H
H or L
H or L
X
X
Input
Input
Isolation
L
H
↑
↑
X
X
Input
Input
Store A and B data
X
H
↑
H or L
X
X
Input
Unspecified†
Store A, hold B
H
H
↑
↑
X‡
X
Input
Output
Store A in both registers
L
X
H or L
↑
X
X
Unspecified†
Input
Hold A, store B
L
L
↑
↑
X
X‡
Output
Input
Store B in both registers
L
L
X
X
X
L
Output
Input
Real-time B data to A bus
L
LX
H or L
X
H
Output
Input
Stored B data to A bus
H
H
X
X
L
X
Input
Output
Real-time A data to B bus
H
H
H or L
XH
X
Input
Output
Stored A data to B bus
H
L
H or L
H or L
H
H
Output
Output
Stored A data to B bus and
stored B data to A bus
† The data-output functions may be enabled or disabled by various signals at the GAB or GBA inputs. Data-input functions are always enabled,
i.e., data at the bus terminals is stored on every low-to-high transition on the clock inputs.
‡ Select control = L: clocks can occur simultaneously. Select control = H: clocks must be staggered to load both registers.
logic symbol§
§ This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
5
5
B8
B7
B6
B5
B4
B3
B2
B1
17
18
19
20
23
24
25
26
A8
A7
A6
A5
A4
A3
A2
A1
SAB
CAB
SBA
CBA
GBA
2
27
28
15
16
14
1
6D
7
7
4D
G7
C6
G5
C4
EN2 [AB]
EN1 [BA]
2
1
≥1
≥1
1
1
GBA
3
4
5
10
11
12
13



Html Pages

1 2 3 4 5 6 7 8