Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC4217 Arkusz danych(PDF) 8 Page - Linear Technology

Numer części LTC4217
Szczegółowy opis  2A Integrated Hot Swap Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTC4217 Arkusz danych(HTML) 8 Page - Linear Technology

Back Button LTC4217 Datasheet HTML 4Page - Linear Technology LTC4217 Datasheet HTML 5Page - Linear Technology LTC4217 Datasheet HTML 6Page - Linear Technology LTC4217 Datasheet HTML 7Page - Linear Technology LTC4217 Datasheet HTML 8Page - Linear Technology LTC4217 Datasheet HTML 9Page - Linear Technology LTC4217 Datasheet HTML 10Page - Linear Technology LTC4217 Datasheet HTML 11Page - Linear Technology LTC4217 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC4217
8
4217fc
FUNCTIONAL DIAGRAM
4217 BD
20k
VDD
UV
OUT
FB
PG
GND
IMON
INTVCC
INTVCC
100μA
TIMER
FLT
+
ISET
GATE
SENSE
(EXPOSED PAD)
X1
CLAMP
0.6V POSITIVE
TEMPERATURE
COEFFICIENT
REFERENCE
INTERNAL 25mΩ
MOSFET
INTERNAL 7.5mΩ
SENSE RESISTOR
CHARGE
PUMP
AND GATE
DRIVER
OUT
3.1V
GEN
LOGIC
INRUSH
CS
CM
0.3V/ms
FOLDBACK
0.6V
2.65V
1.235V
+–
PG
1.235V
+
UV
0.2V
+
TM1
1.235V
+
TM2
0.62V
+
RST
VDD
VDD
2.73V
+
UVLO1
OV
1.235V
+
OV
2μA
UVLO2
VDD
VDD
*
*
*
*
OUT
*
*
150k
20k
*LTC4217-12 (DFN) ONLY
140k
20k
224k
20k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com