Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC3533 Arkusz danych(PDF) 13 Page - Linear Technology

Numer części LTC3533
Szczegółowy opis  2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTC3533 Arkusz danych(HTML) 13 Page - Linear Technology

Back Button LTC3533 Datasheet HTML 8Page - Linear Technology LTC3533 Datasheet HTML 9Page - Linear Technology LTC3533 Datasheet HTML 10Page - Linear Technology LTC3533 Datasheet HTML 11Page - Linear Technology LTC3533 Datasheet HTML 12Page - Linear Technology LTC3533 Datasheet HTML 13Page - Linear Technology LTC3533 Datasheet HTML 14Page - Linear Technology LTC3533 Datasheet HTML 15Page - Linear Technology LTC3533 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3533
13
3533f
APPLICATIONS INFORMATION
Closing the Feedback Loop
The LTC3533 incorporates voltage mode PWM control.
The control to output gain varies with operation region
(buck, boost, buck/boost), but is usually no greater than
15. The output filter exhibits a double pole response, as
given by:
f
LC
Hz
in buck
e
f
FILTER POLE
OUT
F
_
••
•
(
mod )
=
1
2
π
IILTER POLE
IN
OUT
OUT
V
VL C
Hz
in boost
_
•• •
•
(
=
2
π
m
mod )
e
where L is in Henries and COUT is in Farads.
The output filter zero is given by:
f
RC
Hz
FILTER ZERO
ESR
OUT
_
••
•
=
1
2
π
where RESR is the equivalent series resistance of the
output capacitor.
A troublesome feature in boost mode is the right-half plane
zero (RHP), given by:
f
V
IL V
Hz
RHPZ
IN
OUT
OUT
••
• •
=
2
2
π
The loop gain is typically rolled off before the RHP zero
frequency.
A simple Type I compensation network can be incorporated
to stabilize the loop, but at a cost of reduced bandwidth
and slower transient response. To ensure proper phase
margin using Type I compensation, the loop must be
crossed over a decade before the LC double pole. Referring
to Figure 5, the unity-gain frequency of the error amplifier
with the Type I compensation is given by:
f
RC
Hz
UG
P
••
•
=
1
21
1
π
Most applications demand an improved transient response
to allow a smaller output filter capacitor. To achieve a higher
bandwidth, Type III compensation is required, providing
two zeros to compensate for the double-pole response of
the output filter. Referring to Figure 6, the location of the
poles and zeros are given by:
f
eR C
Hz
which is a
POLE
P
1
3
1
1
210
1
••
•
•
(
=
π
very llow frequency)
••
•
f
RC
Hz
f
ZERO
ZP
ZERO
1
1
2
1
2
=
π
==
=
1
21
1
2
1
2
2
••
•
••
•
π
π
RC
Hz
f
RC
Hz
Z
POLE
ZP
where resistance is in Ohms and capacitance is in Farads.
1.22V
R1
R2
3533 F05
FB
12
VC
CP1
VOUT
11
–
+
ERROR
AMP
1.22V
R1
R2
3533 F06
FB
12
VC
CP1
CZ1
RZ
VOUT
11
CP2
–
+
ERROR
AMP
Figure 5. Error Amplifier with Type I Compensation
Figure 6. Error Amplifier with Type III Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com