Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP41F Arkusz danych(PDF) 2 Page - Savantic, Inc.

Numer części TIP41F
Szczegółowy opis  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

TIP41F Arkusz danych(HTML) 2 Page - Savantic, Inc.

  TIP41F Datasheet HTML 1Page - Savantic, Inc. TIP41F Datasheet HTML 2Page - Savantic, Inc. TIP41F Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
TIP41D/41E/41F
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
TIP41D
120
TIP41E
140
VCEO(SUS)
Collector-emitter
sustaining voltage
TIP41F
IC=30mA; IB=0
160
V
VCE(sat)
Collector-emitter saturation voltage
IC=6A; IB=1.5A
1.5
V
VBE
Base-emitter on voltage
IC=6A ; VCE=4V
2.0
V
TIP41D
VCE=120V; VEB=0
TIP41E
VCE=140V; VEB=0
ICES
Collector
cut-off current
TIP41F
VCE=160V; VEB=0
0.4
mA
ICEO
Collector cut-off current
VCE=90V; IB=0
0.7
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1.0
mA
hFE-1
DC current gain
IC=0.3A ; VCE=4V
30
hFE-2
DC current gain
IC=3A ; VCE=4V
15
fT
Transition frequency
IC=0.5A ; VCE=10V
3
MHz



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com