Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC508 Arkusz danych(PDF) 1 Page - Savantic, Inc.

Numer części 2SC508
Szczegółowy opis  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC508 Arkusz danych(HTML) 1 Page - Savantic, Inc.

  2SC508 Datasheet HTML 1Page - Savantic, Inc. 2SC508 Datasheet HTML 2Page - Savantic, Inc. 2SC508 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC508
DESCRIPTION
·With TO-66 package
·High collector-base breakdown voltage
:VCBO=180V(min)
APPLICATIONS
·For power switching and TV horizontal
output applications.
PINNING(see Fig.2)
PIN
DESCRIPTION
1
Base
2
Emitter
3
Collector
Absolute maximum ratings(Ta=? )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
180
V
VCEO
Collector-emitter voltage
Open base
60
V
VEBO
Emitter-base voltage
Open collector
6
V
IC
Collector current
4
A
PD
Total power dissipation
TC=25?
25
W
Tj
Junction temperature
150
?
Tstg
Storage temperature
-65~200
?
Fig.1 simplified outline (TO-66) and symbol


Podobny numer części - 2SC508

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2SC508 ISC-2SC508 Datasheet
135Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC508 SAVANTIC-2SC508 Datasheet
136Kb / 3P
Silicon PNP Power Transistors
logo
Hitachi Semiconductor
2SC5080 HITACHI-2SC5080 Datasheet
48Kb / 8P
Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC5080 RENESAS-2SC5080 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC5080ZD-TL-E RENESAS-2SC5080ZD-TL-E Datasheet
203Kb / 8P
Silicon NPN Epitaxial
More results

Podobny opis - 2SC508

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com