| Zakładka z wyszukiwarką danych komponentów |
|
DAC7802LU Arkusz danych(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DAC7802LU Arkusz danych(HTML) 16 Page - Texas Instruments |
|
16 / 17 page ![]() DAC7800, 7801, 7802 16 SBAS005A www.ti.com PACKAGE DRAWINGS (Cont) MPDI066 – AUGUST 2001 NTG (R-PDIP-T24) PLASTIC DUAL-IN-LINE 4202642/A 08/01 0.150 (3,81) 0.115 (2,92) –C– 0.005 (0,13) MIN 1/2 Lead 4 PL 11 2 13 24 1.195 (30,35) 1.160 (29,46) 0.240 (6,10) 0.280 (7,11) 0.070 (1,78) 0.045 (1,14) 0.030 (0,76) 0.045 (1,14) 0.014 (0,36) 0.022 (0,56) 0.010 (0,25) M C 0.210 (5,33) 0.195 (4,95) 0.115 (2,92) 0.300 (7,62) MAX 0.430 (10,92) 0.000 (0,00) 0.060 (1,52) 0.014 (0,36) 0.008 (0,20) 0.325 (8,26) 0.300 (7,62) Index Area 0.015 (0,38) MIN 0.100 (2,54) Seating Plane Base Plane MAX C C C E F F D D H H D E 4 PL NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. Dimensions are measured with the package seated in JEDEC seating plane gauge GS-3. D. Dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 (0,25). E. Dimensions measured with the leads constrained to be perpendicular to Datum C. F. Dimensions are measured at the lead tips with the leads unconstrained. G. Pointed or rounded lead tips are preferred to ease insertion. H. Maximum dimensions do not include dambar protrusions. Dambar protrusions shall not exceed 0.010 (0,25). I. Distance between leads including dambar protrusions to be 0.005 (0,13) minumum. J. A visual index feature must be located within the cross–hatched area. K. For automatic insertion, any raised irregularity on the top surface (step, mesa, etc.) shall be symmetrical about the lateral and longitudinal package centerlines. L. Controlling dimension in inches. M. Falls within JEDEC MS-011-AB. |