| Zakładka z wyszukiwarką danych komponentów |
|
PCI2031 Arkusz danych(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI2031 Arkusz danych(HTML) 21 Page - Texas Instruments |
|
21 / 70 page ![]() PCI2031 PCI-TO-PCI BRIDGE SCPS017A – DECEMBER 1997 – REVISED JANUARY 1998 21 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 typical applications Figure 4 shows two typical applications for the PCI2031 PCI-to-PCI bridge. A system that requires more than ten PCI loads requires a PCI-to-PCI bridge to overcome the electrical loading limits laid out in the PCI Local Bus Specification 2.1. Since option card slots require two loads each, bridging is necessary on large and expandable systems. Furthermore, option cards using more than one PCI device require a PCI-to-PCI bridge to limit the load to the option slot. PCI Option Card CPU Memory Host Bridge PCI2031 PCI Device PCI Device PCI Bus 0 PCI Bus 1 Host Bus PCI Option Slot PCI2031 PCI Device PCI Device PCI Bus 2 (Option) PCI Option Card Figure 4. Typical Bridge Application |