Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSA614 Arkusz danych(PDF) 2 Page - Inchange Semiconductor Company Limited

Numer części KSA614
Szczegółowy opis  Silicon PNP Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KSA614 Arkusz danych(HTML) 2 Page - Inchange Semiconductor Company Limited

  KSA614 Datasheet HTML 1Page - Inchange Semiconductor Company Limited KSA614 Datasheet HTML 2Page - Inchange Semiconductor Company Limited KSA614 Datasheet HTML 3Page - Inchange Semiconductor Company Limited KSA614 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
KSA614
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-10mA ;IB=0
-80
V
V(BR)CBO
Collector-base breakdown voltage
IC=-0.5mA ;IE=0
-55
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-0.5mA ;IC=0
-5
V
VCEsat
Collector-emitter saturation voltage
IC=-1A ;IB=-0.1A
B
-0.5
V
ICBO
Collector cut-off current
VCB=-50V;IE=0
-50
μA
IEBO
Emitter cut-off current
VEB=-5V;IC=0
-50
μA
hFE
DC current gain
IC=-0.5A ; VCE=-5V
40
240
hFE classifications
R
O
Y
40-80
70-140
120-240
2



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com