| Zakładka z wyszukiwarką danych komponentów |
|
RV4136D Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
RV4136D Arkusz danych(HTML) 1 Page - Texas Instruments |
|
1 / 5 page ![]() RC4136, RM4136, RV4136 QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS SLOS072 – MARCH 1978 – REVISED SEPTEMBER 1990 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Continuous-Short-Circuit Protection D Wide Common-Mode and Differential Voltage Ranges D No Frequency Compensation Required D Low Power Consumption D No Latch-Up D Unity Gain Bandwidth...3 MHz Typ D Gain and Phase Match Between Amplifiers D Designed To Be Interchangeable With Raytheon RC4136, RM4136, and RV4136 D Low Noise...8 nV√Hz Typ at 1 kHz description The RC4136, RM4136, and RV4136 are quad general-purpose operational amplifiers with each amplifier electrically similar to the µA741 except that offset null capability is not provided. The high common-mode input voltage range and the absence of latch-up make these amplifiers ideal for voltage-follower applications. The devices are short circuit protected and the internal frequency compensation ensures stability without external components. The RC4136 is characterized for operation from 0 °C to 70°C, the RM4136 is characterized for operation over the full military temperature range of – 55 °C to 125°C, and the RV4136 is characterized for operation from – 40 °C to 85°C. AVAILABLE OPTIONS V max PACKAGE TA VIOmax AT 25 °C SMALL OUTLINE CHIP CARRIER CERAMIC DIP PLASTIC DIP FLAT AT 25 C (D) (FK) (J) (N) (W) 0 °C to 70°C 6 mV RC4136D — — RC4136N — –40 °C to 85°C 6 mV RV4136D — — RV4136N — –55 °C to 125°C 4 mV — RM4136FK RM4136J — RM4136W The D packages are available taped and reeled. Add the suffix R to the device type (e.g., RC4136DR). Copyright © 1990, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1IN – 1IN + 1OUT 2OUT 2IN + 2IN – VCC– 4IN – 4IN + 4OUT VCC+ 3OUT 3IN + 3IN – RM4136 ...J OR W PACKAGE ALL OTHERS ...D OR N PACKAGE (TOP VIEW) 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 4OUT NC VCC+ NC 3OUT 1OUT NC 2OUT NC 2IN + RM4136 . . . FK PACKAGE (TOP VIEW) NC – No internal connection symbol (each amplifier) + – OUT IN+ IN – On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Podobny numer części - RV4136D |
|
Podobny opis - RV4136D |