Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EVX12200 Arkusz danych(PDF) 1 Page - CSB Battery Co., Ltd.

Numer części EVX12200
Szczegółowy opis  designed specially for electric vehicles
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CSB-BATTERY [CSB Battery Co., Ltd.]
Strona internetowa  http://www.csb-battery.com
Logo CSB-BATTERY - CSB Battery Co., Ltd.

EVX12200 Arkusz danych(HTML) 1 Page - CSB Battery Co., Ltd.

  EVX12200 Datasheet HTML 1Page - CSB Battery Co., Ltd. EVX12200 Datasheet HTML 2Page - CSB Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cells Per Unit
6
Voltage Per Unit
12
Capacity
20Ah @ 20hr-rate to 1.75V per cell @25
(77
)
Weight
Approx 6.7 kg (14.7lbs)
Maximum Discharge Current
230A(5sec)
Internal Resistance
Approx. 14 m
Operating Temperature Range
Nominal Operating Temperature Range
25
3
(77
5
)
Float Charging Voltage
13.5 to 13.8 VDC/unit Average at 25
(77
)
Recommended Maximum Charging
6A
Current Limit
Equalization and Cycle Service
14.4 to 15.0 VDC/unit Average at 25
(77
)
Self Discharge
CSB Batteries can be stored for more than 6 months at
25
(77
). Please charge batteries before using. For
higher temperatures the time interval will be shorter.
Terminal
I1-Thread lead alloy recessed terminal to accept M5 bolt
Container Material
ABS(UL 94-HB/File E50263)*Flammability resistance of
(UL 94-V0/File E88637) can be available upon request.
Discharge: -15
~50
( 5
~122
)
Charge: -15
~40
( 5
~104
)
Storage: -15
~40
( 5
~104
)
Constant Power Discharge Characteristics
Unit:W (25
,77
)
Constant Current Discharge Characteristics
Unit:A (25
,77
)
EVX 12200 12V 20Ah
Specification
Powered by
RA: 0812
EVX 12200 is designed specially for electric vehicles,
such as electric golf cart, electric wheelchair, mower,
dust collector...etc. It has high cycling life, high
efficiency and long service life.
F.V/Time
30MIN
60MIN
90MIN
2HR
3HR
4HR
5HR
8HR
10HR
20HR
1.60V
20.6
12.5
9.25
7.43
5.28
4.19
3.45
2.30
1.89
1.09
1.67V
20.0
12.3
8.99
7.25
5.15
4.10
3.35
2.23
1.85
1.06
1.70V
19.5
11.9
8.76
7.04
5.02
3.99
3.26
2.18
1.80
1.04
1.75V
18.9
11.6
8.50
6.79
4.85
3.85
3.16
2.12
1.75
1.00
1.80V
18.2
11.1
8.17
6.50
4.68
3.69
3.03
2.03
1.68
0.960
1.85V
17.4
10.6
7.84
6.22
4.49
3.52
2.89
1.95
1.62
0.920
F.V/Time
30MIN
60MIN
90MIN
2HR
3HR
4HR
5HR
8HR
10HR
20HR
1.60V
247
150
111
88.7
63.4
50.3
41.4
27.6
22.7
12.3
1.67V
240
147
108
86.2
61.6
48.9
40.2
26.8
22.0
11.9
1.70V
233
143
105
83.7
60.0
47.5
39.1
26.0
21.5
11.7
1.75V
226
138
101
80.6
58.1
45.9
37.6
25.2
20.8
11.3
1.80V
218
133
98.0
77.4
56.1
44.3
36.3
24.3
20.1
10.8
1.85V
209
127
94.0
74.4
53.8
42.3
34.6
23.3
19.3
10.4
Width (W)
Dimensions :
Unit: mm (inch)
Overall Height (H)
Container height (h)
Length (L)
167±2 (6.57±0.08)
160±2 (6.29±0.08)
181±2 (7.13±0.08)
76.2±1 (3.0±0.04)
CSB-manufactured
VRLA batteries are UL-
recognized components
under UL924 and UL1989.
CSB is also certified by
ISO 9001 and ISO 14001.


Podobny numer części - EVX12200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CSB Battery Co., Ltd.
EVX12200 CSB-BATTERY-EVX12200_16 Datasheet
740Kb / 2P
It has high cycling life, high and long service life.
EVX12200 CSB-BATTERY-EVX12200_17 Datasheet
396Kb / 1P
Valve Regulated Lead Acid Battery
More results

Podobny opis - EVX12200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CSB Battery Co., Ltd.
EVH12140 CSB-BATTERY-EVH12140 Datasheet
535Kb / 2P
designed specially for electric vehicles
EVH12390 CSB-BATTERY-EVH12390 Datasheet
534Kb / 2P
designed specially for electric vehicles
EVX121000 CSB-BATTERY-EVX121000 Datasheet
533Kb / 2P
designed specially for electric vehicles
EVX12170 CSB-BATTERY-EVX12170 Datasheet
489Kb / 2P
designed specially for electric vehicles
EVX12300 CSB-BATTERY-EVX12300 Datasheet
520Kb / 2P
designed specially for electric vehicles
EVX12650 CSB-BATTERY-EVX12650 Datasheet
531Kb / 2P
designed specially for electric vehicles
EVX12750 CSB-BATTERY-EVX12750 Datasheet
530Kb / 2P
designed specially for electric vehicles
EVX12520 CSB-BATTERY-EVX12520_16 Datasheet
827Kb / 2P
Designed specially for electric vehicles
EVX12650 CSB-BATTERY-EVX12650_16 Datasheet
799Kb / 2P
Designed specially for electric vehicles
EVX12750 CSB-BATTERY-EVX12750_16 Datasheet
822Kb / 2P
Designed specially for electric vehicles
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com