Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GP1245 Arkusz danych(PDF) 2 Page - CSB Battery Co., Ltd.

Numer części GP1245
Szczegółowy opis  general purpose battery up to 5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CSB-BATTERY [CSB Battery Co., Ltd.]
Strona internetowa  http://www.csb-battery.com
Logo CSB-BATTERY - CSB Battery Co., Ltd.

GP1245 Arkusz danych(HTML) 2 Page - CSB Battery Co., Ltd.

  GP1245 Datasheet HTML 1Page - CSB Battery Co., Ltd. GP1245 Datasheet HTML 2Page - CSB Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Charge Voltage(V/Cell)
Application
Temperature
Set Point
Allowable Range
Max.Charge Current
Cycle Use
25 (77 )
2.45
2.40~2.50
Standby
25 (77 )
2.275
2.25~2.30
0.3C
Final Discharge
Voltage V/Cell
1.75
1.70
1.60
1.30
Discharge
Current(A)
0.2C>(A)
0.2C<(A)<0.5C
0.5C<(A)<1.0C
(A)>1.0C
68
2.60
4
0
8
12
16
20
24
2.20
2.40
2.00
1.80
1.60
1.40
0.20
0.14
0.17
0.11
0.08
0.05
0.02
140
100
120
80
60
40
20
)Ratio
2.60
4
0
8
12
16
20
24
2.20
2.40
2.00
1.80
1.60
1.40
0.20
0.14
0.17
0.11
0.08
0.05
0.02
140
100
120
80
60
40
20
)Ratio
13.65V
(2.275V/Cell)
GP1245
12V 4.5Ah
GLOBAL HQ
CSB BATTERY CO., LTD. (TAIWAN)
Tel : +886-2-2555-5600
Fax : +886-2-2555-3300
mail : service@csb-battery.com.tw
AMERICA HQ
CSB BATTERY TECHNOLOGIES INC. (U.S.A)
Tel : +1-817-244-7777/1-(800)3-CSB-USA(272872)
Fax : +1-817-244-4445
mail : csb@csb-battery.com
EUROPE HQ
CSB Battery Europe BV.
Tel : +31(0)-180-418-140
Fax : +886-2-2555-3300
mail : eurosales@csb-battery.eu
BEIJING OFFICE. (CHINA)
CSB BATTERY TECHNOLOGIES (BEIJING) CO., LTD.
Tel : +86-10-59621300/1301/1302/1303
Fax : +86-10-59621304
mail : chinasls@csb-battery.com
SHANGHAI OFFICE. (CHINA)
CSB BATTERY LOGISTIC (SHANGHAI) CO., LTD.
Tel : +86-21-5046-1622/5046-0833
Fax : +86-21-5064-3314
mail : chinasls@csb-battery.com
SHENZHEN OFFICE.( CHINA )
CSB BATTERY LOGISTIC ( SHANGHAI ) CO., LTD.
Tel : +86-755-8831-6488/6396/6356
Fax : +86-755-8831-6548
mail : she@csb-battery.com.cn



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com