Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLT43/28/4-3F3 Arkusz danych(PDF) 4 Page - FERYSTER Inductive Components Manufacturer

Numer części PLT43/28/4-3F3
Szczegółowy opis  Planar E cores and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FERYSTER [FERYSTER Inductive Components Manufacturer]
Strona internetowa  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

PLT43/28/4-3F3 Arkusz danych(HTML) 4 Page - FERYSTER Inductive Components Manufacturer

  PLT43/28/4-3F3 Datasheet HTML 1Page - FERYSTER Inductive Components Manufacturer PLT43/28/4-3F3 Datasheet HTML 2Page - FERYSTER Inductive Components Manufacturer PLT43/28/4-3F3 Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer PLT43/28/4-3F3 Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer PLT43/28/4-3F3 Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer PLT43/28/4-3F3 Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2004 Sep 01
4
Ferroxcube
Planar E cores and accessories
E43/10/28
Core halves for use in combination with a plate (PLT)
AL measured in combination with a plate (PLT), clamping force for AL measurements, 40 ±20 N.
GRADE
AL
(nH)
µ
e
AIR GAP
(
µm)
TYPE NUMBER
3C90
250
±3%
≈ 45
≈ 1100
E43/10/28-3C90-A250-P
315
±3%
≈ 57
≈ 800
E43/10/28-3C90-A315-P
400
±3%
≈ 72
≈ 700
E43/10/28-3C90-A400-P
630
±5%
≈ 113
≈ 400
E43/10/28-3C90-A630-P
1000
±10%
≈ 180
≈ 250
E43/10/28-3C90-A1000-P
9250
±25%
≈ 1710
≈ 0
E43/10/28-3C90
3C92
7460
±25%
≈ 1340
≈ 0
E43/10/28-3C92
3C93
8700
±25%
≈ 1560
≈ 0
E43/10/28-3C93
3C94
250
±3%
≈ 45
≈ 1100
E43/10/28-3C94-A250-P
315
±3%
≈ 57
≈ 800
E43/10/28-3C94-A315-P
400
±3%
≈ 72
≈ 700
E43/10/28-3C94-A400-P
630
±5%
≈ 113
≈ 400
E43/10/28-3C94-A630-P
1000
±10%
≈ 180
≈ 250
E43/10/28-3C94-A1000-P
9250
±25%
≈ 1710
≈ 0
E43/10/28-3C94
3F3
250
±3%
≈ 45
≈ 1100
E43/10/28-3F3-A250-P
315
±3%
≈ 57
≈ 800
E43/10/28-3F3-A315-P
400
±3%
≈ 72
≈ 700
E43/10/28-3F3-A400-P
630
±5%
≈ 113
≈ 400
E43/10/28-3F3-A630-P
1000
±10%
≈ 180
≈ 250
E43/10/28-3F3-A1000-P
8700
±25%
≈ 1560
≈ 0
E43/10/28-3F3
3F4
250
±3%
≈ 45
≈ 1100
E43/10/28-3F4-A250-P
315
±3%
≈ 57
≈ 800
E43/10/28-3F4-A315-P
400
±3%
≈ 72
≈ 700
E43/10/28-3F4-A400-P
630
±5%
≈ 113
≈ 400
E43/10/28-3F4-A630-P
1000
±10%
≈ 180
≈ 250
E43/10/28-3F4-A1000-P
4660
±25%
≈ 850
≈ 0
E43/10/28-3F4



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com