Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS1208CB Arkusz danych(PDF) 1 Page - CIT Relay & Switch

Numer części CS1208CB
Szczegółowy opis  CIT SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIT [CIT Relay & Switch]
Strona internetowa  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CS1208CB Arkusz danych(HTML) 1 Page - CIT Relay & Switch

  CS1208CB Datasheet HTML 1Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.citswitch.com
page
51
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
Electrical Ratings
100mA @ 24VDC
Electrical Life
100,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
50 +/- 25gF
Actuator Travel
Total: 2.0mm +/- .25mm
To Make: 0.4mm +/- .1mm
Dielectric Strength
250Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
←RoHS COMPLIANT
Actuator
4/6 Nylon
Housing
4/6 Nylon
Cover
Stainless Steel
Contacts
Stainless Steel, Silver Plated
Terminals
Brass, Silver Plated
ORDERING INFORMATION
1. Series:
CS1208
CS1208
2. Switch Function:
Blank = SPST N.O (Standard)
C = SPST N.C.
B
3. Mounting Style:
A = Without Locating Pins
B = With Locating Pins
DIMENSIONS
CS1208A
CS1208B
SCHEMATIC & PC LAYOUT
NO
NC
CS1208


Podobny numer części - CS1208CB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lumileds Lighting Compa...
CS120 LUMILEDS-CS120 Datasheet
2Mb / 3P
Barcelona Tunnel Comes to Light
logo
Coilcraft lnc.
CS1200L COILCRAFT-CS1200L Datasheet
155Kb / 1P
Current SensorCurrent Sensor
CS1200L COILCRAFT-CS1200L Datasheet
297Kb / 1P
D1869L_15
logo
Applied Micro Circuits ...
CS1201QFI22 AMCC-CS1201QFI22 Datasheet
41Kb / 2P
STS-12c/STS-3c POS/ATM SONET MAPPER
CS1202 AMCC-CS1202 Datasheet
68Kb / 2P
STS-12 ATM/DS3 SONET MAPPER
More results

Podobny opis - CS1208CB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com