| Zakładka z wyszukiwarką danych komponentów |
|
SN74LS173ADE4 Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LS173ADE4 Arkusz danych(HTML) 1 Page - Texas Instruments |
|
1 / 19 page ![]() SN54173, SN54LS173A, SN74173, SN74LS173A 4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS SDLS067A – OCTOBER 1976 – REVISED JUNE 1999 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 3-State Outputs Interface Directly With System Bus D Gated Output-Control LInes for Enabling or Disabling the Outputs D Fully Independent Clock Virtually Eliminates Restrictions for Operating in One of Two Modes: – Parallel Load – Do Nothing (Hold) D For Application as Bus Buffer Registers D Package Options Include Plastic Small-Outline (D) Packages, Ceramic Flat (W) Packages, Ceramic Chip Carriers (FK), and Standard Plastic (N) and Ceramic (J) DIPs TYPE TYPICAL PROPAGATION DELAY TIME MAXIMUM CLOCK FREQUENCY ’173 23 ns 35 MHz ’LS173A 18 ns 50 MHz description The ’173 and ’LS173A 4-bit registers include D-type flip-flops featuring totem-pole 3-state outputs capable of driving highly capacitive or relatively low-impedance loads. The high-impedance third state and increased high-logic-level drive provide these flip-flops with the capability of being connected directly to and driving the bus lines in a bus-organized system without need for interface or pull-up components. Up to 128 of the SN74173 or SN74LS173A outputs can be connected to a common bus and still drive two Series 54/74 or 54LS/74LS TTL normalized loads, respectively. Similarly, up to 49 of the SN54173 or SN54LS173A outputs can be connected to a common bus and drive one additional Series 54/74 or 54LS/74LS TTL normalized load, respectively. To minimize the possibility that two outputs will attempt to take a common bus to opposite logic levels, the output control circuitry is designed so that the average output disable times are shorter than the average output enable times. Gated enable inputs are provided on these devices for controlling the entry of data into the flip-flops. When both data-enable (G1, G2) inputs are low, data at the D inputs are loaded into their respective flip-flops on the next positive transition of the buffered clock input. Gate output-control (M, N) inputs also are provided. When both are low, the normal logic states (high or low levels) of the four outputs are available for driving the loads or bus lines. The outputs are disabled independently from the level of the clock by a high logic level at either output-control input. The outputs then present a high impedance and neither load nor drive the bus line. Detailed operation is given in the function table. The SN54173 and SN54LS173A are characterized for operation over the full military temperature range of –55 °C to 125°C. The SN74173 and SN74LS173A are characterized for operation from 0°C to 70°C. Copyright © 1999, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 M N 1Q 2Q 3Q 4Q CLK GND VCC CLR 1D 2D 3D 4D G2 G1 SN54173, SN54LS173A ...J OR W PACKAGE SN74173 ...N PACKAGE SN74LS173A ...D or N PACKAGE (TOP VIEW) 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 1D 2D NC 3D 4D 1Q 2Q NC 3Q 4Q SN54LS173A . . . FK PACKAGE (TOP VIEW) NC – No internal connection On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Podobny numer części - SN74LS173ADE4 |
|
Podobny opis - SN74LS173ADE4 |