Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

78604/2C Arkusz danych(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Numer części 78604/2C
Szczegółowy opis  General Purpose Pulse Transformers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA [Murata Manufacturing Co., Ltd.]
Strona internetowa  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

78604/2C Arkusz danych(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  78604/2C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 78604/2C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 78604/2C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. 78604/2C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KMP_786C_B02 Page 3 of 4
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
786 Series
General Purpose Pulse Transformers
TAPE & REEL SPECIFICATIONS
REEL OUTLINE DIMENSIONS
TAPE OUTLINE DIMENSIONS
30.4
(1.20) Max.
23.9-27.4 (0.94-1.08)
13.50 (0.53)
12.80 (0.50)
1.50 (0.059)
Min.
60 (2.36) Min.
20.20 (0.80) Min.
100 (3.9)
Min.
Leader section
400 (15.7) Min.
Goods
enclosure
section
Trailer section
160 (6.3) Min.
Ø382 (15.039) Min.
Ø
Ø
*
24.4 (0.96)
26.4 (1.04)
Unless otherwise stated all
dimensions in mm (inches) ± 0.25 (0.01).
* Includes flange distortion at outer edge.
Measured at hub.
0.60 (0.024) Max.
7.20 (0.283)
9.37 (0.369)
Direction of unreeling
1.75 (0.069)
4.00 (0.157)
2.00 (0.079)
12.00 (0.472)
Cover tape
1.50
(0.059
)
+0.004
-0.000
+0.10
-0.00
Unless otherwise stated all
dimensions in mm (inches) ± 0.25 (0.01).



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com