Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VTS5754F Arkusz danych(PDF) 1 Page - Communications & Power Industries, Inc.

Numer części VTS5754F
Szczegółowy opis  Pulsed Coupled Cavity TWT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CPI [Communications & Power Industries, Inc.]
Strona internetowa  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VTS5754F Arkusz danych(HTML) 1 Page - Communications & Power Industries, Inc.

  VTS5754F Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The VTS-5754F pulsed-coupled cavity TWT covers 3.1 GHz to 3.6 GHz with 160 kW peak output power,
up to 8% duty cycle. This device has a non-intercepting grid pulsed and single stage depressed collector to
achieve 48 dB gain. This device is capable of parallel operation from a common HV power supply, phase
tracking is better than +/- 20 degrees. The long life CD coated cathode is capable of pulse width to 200 micro
seconds in this PPM focused TWT
Typical Operating Parameters
PARAMETER
MIN
MAX
UNITS
Cathode Voltage
-46
-44
kV
Cathode Current
15
19
a
Heater Voltage
8
11
V
Heater Current
6
11
A
Collector Voltage
27
39
kV
Grid Bias Voltage
-700
-600
V
Grid Pulse Voltage
600
1000
v
RF Drive Power
---
2.0
W
Pulse Width
---
220
µsec
Duty Cycle
---
8.0
%
Collector Flow Rate
---
7.0
Gpm
Cooling Flow Rate
---
5.0
Gpm
Collector Pressure Drop
---
40
psig
Body Pressure Drop
60
psig
Weight
---
150
lbs
Dimensions
---
11 X14X 55
inches
Features
3.1 GHz to 3.6 GHz
160 kW PEAK OUTPUT POWER
Up to 8% DUTY CYCLE
NON-INTERCEPTING GRID PULSED
47 dB GAIN
SINGLE STAGE DEPRESSED COLLECTOR
FORCED LIQUID COOLED
PPM FOCUSED
COAXIAL TYPE-N- INPUT, CPR 284
WAVEGUIDE OUTPUT
The values listed above represent specified limits for the product and are subject to change. The data should be used
for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
For additional information on CPI MPP products contact:
CPI MPP, Coupled Cavity TWT Operation - 3120 Hansen Way, Palo Alto, CA 94303-0750
Phone: 650-846-3073, Fax: 650-857-1708, Email: marketing@cpii.com, www.cpii.com/mpp


Podobny numer części - VTS5754F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
VTS5754A CPI-VTS5754A Datasheet
120Kb / 1P
Pulsed Coupled Cavity TWT
VTS5754G CPI-VTS5754G Datasheet
120Kb / 1P
Pulsed Coupled Cavity TWT
More results

Podobny opis - VTS5754F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
VTS5753 CPI-VTS5753 Datasheet
102Kb / 1P
Pulsed Coupled Cavity TWT
VTS5754A CPI-VTS5754A Datasheet
120Kb / 1P
Pulsed Coupled Cavity TWT
VTS5755 CPI-VTS5755 Datasheet
82Kb / 1P
Pulsed Coupled Cavity TWT
VTU5790A CPI-VTU5790A Datasheet
53Kb / 1P
Pulsed Coupled Cavity TWT
VTX5686C CPI-VTX5686C Datasheet
65Kb / 1P
Pulsed Coupled Cavity TWT
VTX5783E CPI-VTX5783E Datasheet
52Kb / 1P
Pulsed Coupled Cavity TWT
VTX5783G CPI-VTX5783G Datasheet
84Kb / 1P
Pulsed Coupled Cavity TWT
VTX5786B CPI-VTX5786B Datasheet
53Kb / 1P
Pulsed Coupled Cavity TWT
VTX5786D CPI-VTX5786D Datasheet
53Kb / 1P
Pulsed Coupled Cavity TWT
VTX5786K CPI-VTX5786K Datasheet
92Kb / 1P
Pulsed Coupled Cavity TWT
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com