Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VTU5790C Arkusz danych(PDF) 1 Page - Communications & Power Industries, Inc.

Numer części VTU5790C
Szczegółowy opis  Pulsed Coupled Cavity TWT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CPI [Communications & Power Industries, Inc.]
Strona internetowa  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VTU5790C Arkusz danych(HTML) 1 Page - Communications & Power Industries, Inc.

  VTU5790C Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For additional information on CPI MPP products contact:
CPI MPP, Coupled Cavity TWT Operation - 3120 Hansen Way, Palo Alto, CA 94303-0750
Phone: 650-846-3073, Fax: 650-857-1708, Email: marketing@mpp.cpii.com, www.cpii.com/mpp
The VTU-5790C pulsed- coupled cavity TWT covers 16.1 GHz to 16.7 GHz with 8 kW peak output power,
10 % duty cycle. This device has a non-intercepting grid pulsed and single stage depressed collector to achieve
46 dB gain.
Custom configurations are also available. These variations in the performance and configuration include: cooling
method (affects average power level),mechanical configuration, electrical and RF connections, multiple stage
depressed collector.
The values listed above represent specified limits for the product and are subject to change. The data should be used
for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
Typical Operating Parameters
PARAMETER
MIN
MAX
UNIT
S
Cathode Voltage
-29
-31
kV
Cathode Current
---
3.0
a
Heater Voltage
9
11
V
Heater Current
---
4
A
Collector Voltage
20
22
kV
Grid Bias Voltage
-550
-450
V
Grid Pulse Voltage
300
450
A
RF Drive Power
---
0.5
W
Pulse Width
---
50
µsec
Duty Cycle
---
10.0
%
Cooling Flow Rate
3.0
---
lbm/mn
Pressure Drop
---
25
psi
Weight
---
18
lbs
Dimensions
---
3 X 3 X
15
inches
Features
16.1 GHz to 16.7 GHz
8 kW PEAK OUTPUT POWER
10% DUTY CYCLE
NON-INTERCEPTING GRID PULSED
46 dB GAIN
SINGLE STAGE DEPRESSED COLLECTOR
FORCED LIQUID COOLED
PPM FOCUSED
WR 62 WAVEGUIDE, INPUT AND OUTPUT


Podobny numer części - VTU5790C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
VTU5790A CPI-VTU5790A Datasheet
53Kb / 1P
Pulsed Coupled Cavity TWT
More results

Podobny opis - VTU5790C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
VTS5753 CPI-VTS5753 Datasheet
102Kb / 1P
Pulsed Coupled Cavity TWT
VTS5754A CPI-VTS5754A Datasheet
120Kb / 1P
Pulsed Coupled Cavity TWT
VTS5755 CPI-VTS5755 Datasheet
82Kb / 1P
Pulsed Coupled Cavity TWT
VTU5790A CPI-VTU5790A Datasheet
53Kb / 1P
Pulsed Coupled Cavity TWT
VTX5686C CPI-VTX5686C Datasheet
65Kb / 1P
Pulsed Coupled Cavity TWT
VTX5783E CPI-VTX5783E Datasheet
52Kb / 1P
Pulsed Coupled Cavity TWT
VTX5783G CPI-VTX5783G Datasheet
84Kb / 1P
Pulsed Coupled Cavity TWT
VTX5786B CPI-VTX5786B Datasheet
53Kb / 1P
Pulsed Coupled Cavity TWT
VTX5786D CPI-VTX5786D Datasheet
53Kb / 1P
Pulsed Coupled Cavity TWT
VTX5786K CPI-VTX5786K Datasheet
92Kb / 1P
Pulsed Coupled Cavity TWT
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com