Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VTX5686C Arkusz danych(PDF) 1 Page - Communications & Power Industries, Inc.

Numer części VTX5686C
Szczegółowy opis  Pulsed Coupled Cavity TWT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CPI [Communications & Power Industries, Inc.]
Strona internetowa  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VTX5686C Arkusz danych(HTML) 1 Page - Communications & Power Industries, Inc.

  VTX5686C Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For additional information on CPI MPP products contact:
CPI MPP, Coupled Cavity TWT Operation - 3120 Hansen Way, Palo Alto, CA 94303-0750
Phone: 650-846-3073, Fax: 650-857-1708, Email: marketing@mpp.cpii.com, www.cpii.com/mpp
The VTX-5686C pulsed-coupled cavity TWT covers 9.5 GHz to 10.5 GHz with 120 kW peak output power,
30 % duty cycle. This device has a Mode-Anode pulsed and single stage depressed collector to achieve 48 dB
gain.
Custom configurations are also available. These variations in the performance and configuration include: cooling
method (affects average power level), mechanical configuration, electrical and RF connections.
The values listed above represent specified limits for the product and are subject to change. The data should be used
for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
Typical Operating Parameters
PARAMETER
MIN
MAX
UNIT
S
Cathode Voltage
-44
-42
kV
Cathode Current
---
12
a
Heater Voltage
9
11
V
Heater Current
---
8
A
Collector Voltage
38
40
kV
Mod-Anode Bias Voltage
-1100
-900
V
Solenoid Voltage
200
V
Solenoid Current
---
40
A
RF Drive Power
---
10
W
Pulse Width
---
300
µsec
Duty Cycle
---
30
%
Cooling Flow Rate
60
---
gpm
Pressure Drop
---
60
psi
Weight
---
350
lbs
Dimensions
---
24 dia X
40 lg
inches
Features
9.5 GHz to 10.5 GHz
120 kW PEAK OUTPUT POWER
30% DUTY CYCLE
MODE-ANODE PULSED
48 dB GAIN
SINGLE STAGE DEPRESSED COLLECTOR
FORCED LIQUID COOLED
SOLENOID FOCUSED
WR 90 WAVEGUIDE, INPUT AND OUTPUT


Podobny numer części - VTX5686C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
VTX5682A CPI-VTX5682A Datasheet
53Kb / 1P
Pulsed Coupled Cavity TWT
More results

Podobny opis - VTX5686C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
VTC5767A CPI-VTC5767A Datasheet
52Kb / 1P
Pulsed Coupled Cavity TWT
VTS5753 CPI-VTS5753 Datasheet
102Kb / 1P
Pulsed Coupled Cavity TWT
VTS5754A CPI-VTS5754A Datasheet
120Kb / 1P
Pulsed Coupled Cavity TWT
VTS5755 CPI-VTS5755 Datasheet
82Kb / 1P
Pulsed Coupled Cavity TWT
VTU5790A CPI-VTU5790A Datasheet
53Kb / 1P
Pulsed Coupled Cavity TWT
VTX5783E CPI-VTX5783E Datasheet
52Kb / 1P
Pulsed Coupled Cavity TWT
VTX5783G CPI-VTX5783G Datasheet
84Kb / 1P
Pulsed Coupled Cavity TWT
VTX5786B CPI-VTX5786B Datasheet
53Kb / 1P
Pulsed Coupled Cavity TWT
VTX5786D CPI-VTX5786D Datasheet
53Kb / 1P
Pulsed Coupled Cavity TWT
VTX5786K CPI-VTX5786K Datasheet
92Kb / 1P
Pulsed Coupled Cavity TWT
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com