| Zakładka z wyszukiwarką danych komponentów |
|
156RLS050M Arkusz danych(PDF) 2 Page - Illinois Capacitor, Inc. |
|
|
|||||||||||||||||||||||||||||
156RLS050M Arkusz danych(HTML) 2 Page - Illinois Capacitor, Inc. |
|
2 / 3 page ![]() 3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com 88 ® D 5.0 6.3 8.0 10.0 12.5 S 2.0 2.5 3.5 5.0 5.0 d 0.5 0.5 0.6 0.6 0.6 B 0.5 0.5 0.5 0.5 0.8 RLS + 85°C Low Leakage Radial Lead Aluminum Electrolytic Capacitors PHYSICAL DIMENSIONS 0.1 0.15 0.22 0.33 0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 1000 (µF) 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 6.3x11 5x11 5x11 6.3x11 6.3x11 5x11 6.3x11 8x11.5 5x11 6.3x11 6.3x11 8x11.5 6.3x11 8x11.5 10x12.5 6.3x11 8x11.5 8x11.5 10x12.5 10x16 8x11.5 10x12.5 10x16 10x20 8x11.5 10x12.5 10x16 10x20 12.5x20 10x12.5 10x16 10x20 12.5x20 10x16 10x20 12.5x20 WVDC (SV) D ≤8.0, L1= L+1.0 Max. D>8.0, L1= L+1.5 Max. D1= D+B Max. S1= S±.05mm Max. DxL(mm) Convert to inches, divide by 25.4 NOTE: Case Vent is standard on all diameter ≥8.0mm PVC SLEEVE d S1 D1 L1 L L 19.0 MIN 15.0 MIN + - 10 (13) 16 (20) 25 (32) 35 (44) 50 (63) LEAD INFORMATION VS. CASE DIAMETER |