Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FWS-200022014 Arkusz danych(PDF) 2 Page - JDS Uniphase Corporation

Numer części FWS-200022014
Szczegółowy opis  Amplified Spontaneous Emission Noise Rejection Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JDSU [JDS Uniphase Corporation]
Strona internetowa  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FWS-200022014 Arkusz danych(HTML) 2 Page - JDS Uniphase Corporation

  FWS-200022014 Datasheet HTML 1Page - JDS Uniphase Corporation FWS-200022014 Datasheet HTML 2Page - JDS Uniphase Corporation FWS-200022014 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AMPLIFIED SPONTANEOUS EMISSION
NOISE REJECTION FILTER
Performance (Model 1)
1520
1530
1540
1550
1560
1570
-40
15
15
-35
-30
-25
-20
-15
-10
-5
0
5
WAVELENGTH (nm)
Specifications
Parameter
Model 1
Model 2
Model 3
Pass wavelength range
λP
1535 to 1565 nm
1537 to 1565 nm
1544 to 1565 nm
Rejection wavelength range
λR
1510 to 1530 nm
1510 to 1532 nm
1510 to 1538 nm
Insertion loss at
λP
Maximum
0.6 dB
0.6 dB
0.6 dB
Flatness at
λP
Maximum
0.3 dB
0.3 dB
0.3 dB
Isolation at
λR
Minimum
20 dB
20 dB
20 dB
Optical return loss
Minimum
50 dB
50 dB
50 dB
Polarization dependent loss
Maximum
0.05 dB
0.05 dB
0.05 dB
Polarization mode dispersion
Maximum
0.1 ps
0.1 ps
0.1 ps
Temperature dependent loss
Maximum
0.1 dB
0.1 dB
0.1 dB
Optical Power
Maximum
500mW
500mW
500mW
Tensile load
Maximum
5 N
5 N
5 N
Operating temperature
-5 to 75 °C
-5 to 75 °C
-5 to 75 °C
Storage temperature
-40 to 85 °C
-40 to 85 °C
-40 to 85 °C
Package dimensions (D x L)
250 µm
5.5 x 30 mm (Standard)
5.5 x 30 mm (Standard)
5.5 x 30 mm (Standard)
3.2 x 30 mm (Miniature)
3.2 x 30 mm (Miniature)
3.2 x 30 mm (Miniature)
900 µm
5.5 x 40 mm (Standard)
5.5 x 40 mm (Standard)
5.5 x 40 mm (Standard)
3.2 x 40 mm (Miniature)
3.2 x 40 mm (Miniature)
3.2 x 40 mm (Miniature)
Fiber length
>1.0 m
>1.0 m
>1.0 m



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com