| Zakładka z wyszukiwarką danych komponentów |
|
SN54HC42 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN54HC42 Arkusz danych(HTML) 2 Page - Texas Instruments |
|
2 / 6 page ![]() SN54HC42, SN74HC42 4-LINE TO 10-LINE DECODERS (1 of 10) SCLS091B – DECEMBER 1982 – REVISED MAY 1997 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic symbol† 1 15 A 2 14 B 4 13 C 8 12 D BCD/DEC † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. Pin numbers shown are for the D, J, N, and W packages. 2 3 2 3 4 3 4 5 4 5 6 5 6 7 6 7 9 7 8 10 8 9 11 9 0 1 0 1 2 1 logic diagram (positive logic) 0 1 2 3 4 5 6 7 8 9 A B C D Pin numbers shown are for the D, J, N, and W packages. 15 14 13 12 1 2 3 4 5 6 7 9 10 11 |