| Zakładka z wyszukiwarką danych komponentów |
|
JS0408FP4-R Arkusz danych(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
JS0408FP4-R Arkusz danych(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
5 / 6 page ![]() NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com 03-07 Ultra-Miniature SMT DIP Slides Series JS PACKAGING Tape-Reel Packaging for Extended Actuator Switches are packaged in OFF position. Switches are not available in bulk and must be ordered in the following increments: JS0204AP4-R: 500 pieces per tape-reel JS0208AP4-R: 500 pieces per tape-reel Minimum Leader Length: 15.75” (400mm) Minimum Trailer Length: 6.3” (160mm) Tape-reel packaging meets EIA-481-2 Standard. S Stick-Tube Packaging Switches are packaged in OFF position. Switches are not available in bulk and must be ordered in the following increments: Extended Actuator JS0204AP4-S: 46 pieces per stick-tube JS0208AP4-S: 24 pieces per stick-tube R 1.512 (38.4) Max (80.0) 3.150 Dia (32.4) 1.276 R Typ (2.0) .079 (10.5) .413 Typ (6.5) .256 (330.0) 13.0 Overall Dia (12.0) .472 (7.0) .276 (530.0) 20.866 JS0204AP4-R JS0208AP4-R Direction of Feed (2.0) Dia Typ .079 (1.5) Dia Typ .059 (4.0) Typ .157 (16.0) Typ .630 (2.0) Typ .079 (1.75) .069 (14.25) Typ .561 (32.0) 1.260 (6.0) .236 (6.0) .236 (10.3) .406 (1.5) Typ .059 (1.7) Typ .067 (21.7) .854 (0.35) .014 3 ° (5.0) .197 Tape Dimensions for JS0208AP4-R Direction of Feed (1.5) Dia Typ .059 (1.5) Dia Typ .059 (4.0) Typ .157 (16.0) Typ .630 (2.0) Typ .079 (1.75) .069 (11.5) .453 (24.0) .945 (10.3) .406 (6.5) .256 (2.5) .098 (5.0) .197 (0.35) .014 (11.5) .453 3 ° Tape Dimensions for JS0204AP4-R Flush Actuator JS0404FP4-S: 80 pieces per stick-tube JS0408FP4-S: 45 pieces per stick-tube Reel Dimensions (530.0) 20.866 (11.5) .453 (4.8) .189 (30.4) Max 1.197 (24.4) .961 (80.0) 3.150 Dia |