| Zakładka z wyszukiwarką danych komponentów |
|
IMP708JESA Arkusz danych(PDF) 2 Page - A1 PROs co., Ltd. |
|
|
|||||||||||||||||||||||||||||
IMP708JESA Arkusz danych(HTML) 2 Page - A1 PROs co., Ltd. |
|
2 / 9 page ![]() 2 408-432-9100/www.impweb.com © 1999 IMP, Inc. Ordering Information Pin Configuration IMP706P/R/S/T/J, IMP708R/S/T/J IMP706P/R/S/T/J, IMP708R/S/T/J IMP708R/S/T/J 1 2 3 4 MR VCC GND PFI RESET RESET NC PFO 8 7 6 5 IMP706P 1 2 3 4 MR VCC GND PFI WDO RESET WDI PFO 8 7 6 5 IMP706R/S/T/J 1 2 3 4 MR VCC GND PFI WDO RESET WDI PFO 8 7 6 5 IMP706P IMP706R/S/T/J 1 2 3 4 (RESET) RESET (IMP706P) WDO MR VCC WDI PFO PFI GND 8 7 6 5 IMP708R/S/T/J 1 2 3 4 RESET RESET MR VCC NC PFO PFI GND 8 7 6 5 706P_03.eps DIP/SO MicroSO Operating Part Number Package Temperature Range Reset Threshold Reset Polarity Watchdog Timer IMP706PCPA 8-Plastic DIP 0°C to +70°C 2.63 HIGH YES IMP706PCSA 8-SO 0°C to +70°C 2.63 HIGH YES IMP706PCUA 8-MicroSO 0°C to +70°C 2.63 HIGH YES IMP706PEPA 8-Plastic DIP –40°C to +85°C 2.63 HIGH YES IMP706PESA 8-SO –40°C to +85°C 2.63 HIGH YES IMP706RCPA 8-Plastic DIP 0°C to +70°C 2.63 LOW YES IMP706RCSA 8-SO 0°C to +70°C 2.63 LOW YES IMP706RCUA 8-MicroSO 0°C to +70°C 2.63 LOW YES IMP706REPA 8-Plastic DIP –40°C to +85°C 2.63 LOW YES IMP706RESA 8-SO –40°C to +85°C 2.63 LOW YES IMP706SCPA 8-Plastic DIP 0°C to +70°C 2.93 LOW YES IMP706SCSA 8-SO 0°C to +70°C 2.93 LOW YES IMP706SCUA 8-MicroSO 0°C to +70°C 2.93 LOW YES IMP706SEPA 8-Plastic DIP –40°C to +85°C 2.93 LOW YES IMP706SESA 8-SO –40°C to +85°C 2.93 LOW YES IMP706TCPA 8-Plastic DIP 0°C to +70°C 3.08 LOW YES IMP706TCSA 8-SO 0°C to +70°C 3.08 LOW YES IMP706TCUA 8-MicroSO 0°C to +70°C 3.08 LOW YES IMP706TEPA 8-Plastic DIP –40°C to +85°C 3.08 LOW YES IMP706TESA 8-SO –40°C to +85°C 3.08 LOW YES IMP706JCPA 8-Plastic DIP 0°C to +70°C 4.00 LOW YES IMP706JCSA 8-SO 0°C to +70°C 4.00 LOW YES IMP706JCUA 8-MicroSO 0°C to +70°C 4.00 LOW YES IMP706JEPA 8-Plastic DIP –40°C to +85°C 4.00 LOW YES IMP706JESA 8-SO –40°C to +85°C 4.00 LOW YES IMP708RCPA 8-Plastic DIP 0°C to +70°C 2.63 Dual: HIGH & LOW NO IMP708RCSA 8-SO 0°C to +70°C 2.63 Dual: HIGH & LOW NO IMP708RCUA 8-MicroSO 0°C to +70°C 2.63 Dual: HIGH & LOW NO IMP708REPA 8-Plastic DIP –40°C to +85°C 2.63 Dual: HIGH & LOW NO IMP708RESA 8-SO –40°C to +85°C 2.63 Dual: HIGH & LOW NO IMP708SCPA 8-Plastic DIP 0°C to +70°C 2.93 Dual: HIGH & LOW NO IMP708SCSA 8-SO 0°C to +70°C 2.93 Dual: HIGH & LOW NO IMP708SCUA 8-MicroSO 0°C to +70°C 2.93 Dual: HIGH & LOW NO IMP708SEPA 8-Plastic DIP –40°C to +85°C 2.93 Dual: HIGH & LOW NO IMP708SESA 8-SO –40°C to +85°C 2.93 Dual: HIGH & LOW NO IMP708TCPA 8-Plastic DIP 0°C to +70°C 3.08 Dual: HIGH & LOW NO IMP708TCSA 8-SO 0°C to +70°C 3.08 Dual: HIGH & LOW NO IMP708TCUA 8-MicroSO 0°C to +70°C 3.08 Dual: HIGH & LOW NO IMP708TEPA 8-Plastic DIP –40°C to +85°C 3.08 Dual: HIGH & LOW NO IMP708TESA 8-SO –40°C to +85°C 3.08 Dual: HIGH & LOW NO IMP708JCPA 8-Plastic DIP 0°C to +70°C 4.00 Dual: HIGH & LOW NO IMP708JCSA 8-SO 0°C to +70°C 4.00 Dual: HIGH & LOW NO IMP708JCUA 8-MicroSO 0°C to +70°C 4.00 Dual: HIGH & LOW NO IMP708JEPA 8-Plastic DIP –40°C to +85°C 4.00 Dual: HIGH & LOW NO IMP708JESA 8-SO –40°C to +85°C 4.00 Dual: HIGH & LOW NO |