Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ACT7802FN Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części SN74ACT7802FN
Szczegółowy opis  1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7802FN Arkusz danych(HTML) 5 Page - Texas Instruments

  SN74ACT7802FN Datasheet HTML 1Page - Texas Instruments SN74ACT7802FN Datasheet HTML 2Page - Texas Instruments SN74ACT7802FN Datasheet HTML 3Page - Texas Instruments SN74ACT7802FN Datasheet HTML 4Page - Texas Instruments SN74ACT7802FN Datasheet HTML 5Page - Texas Instruments SN74ACT7802FN Datasheet HTML 6Page - Texas Instruments SN74ACT7802FN Datasheet HTML 7Page - Texas Instruments SN74ACT7802FN Datasheet HTML 8Page - Texas Instruments SN74ACT7802FN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SN74ACT7802
1024
× 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SCAS187D – AUGUST 1990 – REVISED APRIL 1998
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
offset value values for AF/AE
The FIFO memory status is monitored by the FULL, EMPTY, HF, and AF/AE flags. The FULL output is low when
the memory is full; the EMPTY output is low when the memory is empty. The HF output is high when the memory
contains 512 or more words and low when it contains fewer than 512 words. The level of the AF/AE flag is
determined by both the number of words in the FIFO and a user-definable offset X. AF/AE is high when the FIFO
is almost full or almost empty, i.e., when it contains X or fewer words or (1024 – X) or more words. The AF/AE
offset value is either user-defined or the default value of 256; it is programmed during each reset cycle as follows:
user-defined X:
Take DAF from high to low.
If RESET is not already low, take RESET low.
With DAF held low, take RESET high. This defines the AF/AE flag using X.
default X:
To redefine the AF/AE flag using the default value of X = 256, hold DAF high during the reset cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12