| Zakładka z wyszukiwarką danych komponentów |
|
SN74ACT7882FN Arkusz danych(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT7882FN Arkusz danych(HTML) 14 Page - Texas Instruments |
|
14 / 15 page ![]() SN74ACT7882 2048 × 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY SCAS445C – JUNE 1994 – REVISED APRIL 1998 14 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION expanding the SN74ACT7882 The SN74ACT7882 is expandable in both word width and word depth. Word-depth expansion is accomplished by connecting the devices in series such that data flows through each device in the chain. Figure 8 shows two SN74ACT7882 devices configured for depth expansion. The common clock between the devices can be tied to either the write clock (WRTCLK) of the first device or the read clock (RDCLK) of the last device. The output-ready (OR) flag of the previous device and the input-ready (IR) flag of the next device maintain data flow to the last device in the chain whenever space is available. Figure 9 is an example of two SN74ACT7882 devices in word-width expansion. Width expansion is accomplished by simply connecting all common control signals between the devices and creating composite IR and OR signals. The almost-full/almost-empty (AF/AE) flag and half-full (HF) flag can be sampled from any one device. Depth expansion and width expansion can be used together. SN74ACT7882 CLOCK WRTCLK WRTEN1 WRTEN2 IR D0–D17 5 V WRTCLK WRTEN1 WRTEN2 IR D0–D17 RDCLK OR RDEN1 RDEN2 OE Q0–Q17 SN74ACT7882 WRTCLK WRTEN1 WRTEN2 IR D0–D17 RDCLK RDEN1 RDEN2 OR OE Q0–Q17 RDCLK RDEN1 RDEN2 OR Q0–Q17 OE Figure 8. Word-Depth Expansion: 4096 × 18 Bits SN74ACT7882 WRTCLK WRTEN1 WRTEN2 IR D0–D17 RDCLK RDEN1 RDEN2 OR OE Q0–Q17 RDCLK RDEN OR Q18–Q35 OE WRTCLK WRTEN D18–D35 IR D0–D17 SN74ACT7882 WRTCLK WRTEN1 WRTEN2 IR D0–D17 RDCLK RDEN1 RDEN2 OR OE Q0–Q17 Q0–Q17 Figure 9. Word-Width Expansion: 2048 × 36 Bits |