Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SP-GB-ZX-RDA Arkusz danych(PDF) 5 Page - Source Photonics, Inc.

Numer części SP-GB-ZX-RDA
Szczegółowy opis  80 km Gigabit Ethernet SFP Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOURCE [Source Photonics, Inc.]
Strona internetowa  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-GB-ZX-RDA Arkusz danych(HTML) 5 Page - Source Photonics, Inc.

  SP-GB-ZX-RDA Datasheet HTML 1Page - Source Photonics, Inc. SP-GB-ZX-RDA Datasheet HTML 2Page - Source Photonics, Inc. SP-GB-ZX-RDA Datasheet HTML 3Page - Source Photonics, Inc. SP-GB-ZX-RDA Datasheet HTML 4Page - Source Photonics, Inc. SP-GB-ZX-RDA Datasheet HTML 5Page - Source Photonics, Inc. SP-GB-ZX-RDA Datasheet HTML 6Page - Source Photonics, Inc. SP-GB-ZX-RDA Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
80 km Gigabit Ethernet SFP Transceiver
SP-GB-ZX-xxA
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS898-Feb0107
Rev A.2
Outline Drawing
Units in mm(inches)



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com