| Zakładka z wyszukiwarką danych komponentów |
|
SW124D15ESMF Arkusz danych(PDF) 2 Page - Superworld Electronics |
|
|
|||||||||||||||||||||||||||||
SW124D15ESMF Arkusz danych(HTML) 2 Page - Superworld Electronics |
|
2 / 2 page ![]() SW1 ESM Series Product Datasheet www.superworld.com.sg 2 of 2 SW1 ESM INPUT SPECIFICATIONS PARAMETER CONDITIONS MIN TYPICAL MAX UNITS Input Current (No Load) 5 Vin models 33 mA 12 Vin models 18 15 Vin models 15 24 Vin models 12 Voltage Range 5 Vin models 4.5 5 5.5 Vdc 12 Vin models 10.8 12 13.2 15 Vin models 13.5 15 16.5 24 Vin models 21.5 24 26.5 SW1 ESM OUTPUT SPECIFICATIONS PARAMETER CONDITIONS MIN TYPICAL MAX UNITS Rated Power All models 0.75 W Voltage Setpoint Accuracy ± 5 % Line Regulation 1% change in Vin 1.0 1.2 % Load Regulation 5Vout 5 10 % (10% load to rated load) 12 & 15 Vout 3 10 % BW = DC to 20MHz Ripple & Noise All models 40 90 mVp-p Maximum Voltage (1 mA load) 5 Vout models 7 Vdc 12 Vout models 15 15 Vout models 18 Temperature Coefficient ± 0.01 %/ oC Capacitive Load 10 µF Short Circuit Protection 1 second SW1 ESM GENERAL CHARACTERISTICS PARAMETER CONDITIONS MIN TYPICAL MAX UNITS Temperature Specification (5&12V input) -40 -- 85 oC Specification (15&24V input) -40 -- 70 oC Storage -40 -- 110 oC Isolation Isolation Test Voltage 750 Vdc Resistance 1 10 GΩ Capacitance 25 100 pF Leakage Current 2 8.5 µArms Switching Frequency 120 kHz MTTF (Ta = 25 oC) MIL-HDBK-217E 450000 hrs Weight 1 .8 g CONTACT INFORMATION Superworld Electronics (S) Pte Ltd 16 New Industrial Road #06-01 to 08 Hudson TechnoCentre Singapore 536204 Tel : (65) 6298 2866 Fax : (65) 6298 8900 Email : sales@superworld.com.sg Refer to Low Power Application Note 1 for additional Performance Curves & Data |