| Zakładka z wyszukiwarką danych komponentów |
|
SN74LVC1GU04DBVT Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC1GU04DBVT Arkusz danych(HTML) 2 Page - Texas Instruments |
|
2 / 14 page ![]() www.ti.com A Y 2 4 A Y 1 3 SN74LVC1GU04 SINGLE INVERTER GATE SCES215T – APRIL 1999 – REVISED JANUARY 2007 ORDERING INFORMATION TOP-SIDE TA PACKAGE(1) ORDERABLE PART NUMBER MARKING(2) NanoFree™ – WCSP (DSBGA) 0.23-mm Large Bump – YZP SN74LVC1GU04YZPR _ _ _CD_ (Pb-free) Reel of 3000 NanoFree™ – WCSP (DSBGA) _ _ _ _ 0.23-mm Large Bump – YZV SN74LVC1GU04YZVR CD (Pb-free) –40 °C to 85°C Reel of 3000 SN74LVC1GU04DBVR SOT (SOT-23) – DBV CU4_ Reel of 250 SN74LVC1GU04DBVT Reel of 3000 SN74LVC1GU04DCKR SOT (SC-70) – DCK CD_ Reel of 250 SN74LVC1GU04DCKT SOT (SOT-553) – DRL Reel of 4000 SN74LVC1GU04DRLR CD_ (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. (2) DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site. YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free). YZV: The actual top-side marking is on two lines. Line 1 has four characters to denote year, month, day, and assembly/test site. Line 2 has two characters which show the family and function code. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free). FUNCTION TABLE INPUT OUTPUT A Y H L L H LOGIC DIAGRAM (POSITIVE LOGIC) DBV, DCK, DRL, and YZP PACKAGE YZV PACKAGE 2 Submit Documentation Feedback |