| Zakładka z wyszukiwarką danych komponentów |
|
SN75LBC970ADL Arkusz danych(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN75LBC970ADL Arkusz danych(HTML) 3 Page - Texas Instruments |
|
3 / 20 page ![]() SN75LBC970A SCSI DIFFERENTIAL CONVERTER-CONTROL SLLS215B – MAY 1995 – REVISED JANUARY 1999 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions TERMINAL Logic I/O Termination DESCRIPTION NAME NO. g Level I/O Termination DESCRIPTION AACK – 8 TTL I/O Strong pullup SCSI acknowledge (– ACK) signal to/from controller AATN – 6 TTL I/O Strong pullup SCSI attention (– ATN) signal to/from controller ABSY – 25 TTL I/O Strong pullup SCSI busy (– BSY) signal to/from the controller AC/D – 11 TTL I/O Strong pullup SCSI control/data (– C/D) signal to/from the controller AI/O – 22 TTL I/O Strong pullup SCSI input/output (– I/O) signal to/from the controller AMSG – 21 TTL I/O Strong pullup SCSI message (– MSG) signal to/from the controller AREQ – 10 TTL I/O Strong pullup SCSI request (– REQ) signal to/from controller ARST – 27 TTL I/O Strong pullup SCSI reset (– RST) signal to/from the controller ASEL – 23 TTL I/O Strong pullup SCSI select (– SEL) signal to/from the controller BACK – 51 RS-485 I/O Weak pullup SCSI acknowledge (– ACK) signal to/from the bus BACK+ 50 RS-485 I/O Weak pulldown SCSI acknowledge (+ACK) signal to/from the bus BATN – 53 RS-485 I/O Weak pullup SCSI attention (– ATN) signal to/from the bus BATN+ 52 RS-485 I/O Weak pulldown SCSI attention (+ATN) signal to/from the bus BBSY – 31 RS-485 I/O Weak pulldown SCSI busy (– BSY) signal to/from the bus BBSY+ 32 RS-485 I/O Weak pullup SCSI busy (+BSY) signal to/from the bus BC/D – 47 RS-485 I/O Weak pullup SCSI control/data (– C/D) signal to/from the bus BC/D+ 46 RS-485 I/O Weak pulldown SCSI control/data (+C/D) signal to/from the bus BI/O – 36 RS-485 I/O Weak pullup SCSI input/output (– I/O) signal to/from the bus BI/O+ 35 RS-485 I/O Weak pulldown SCSI input/output (+I/O) signal to/from the bus BMSG – 38 RS-485 I/O Weak pullup SCSI message (– MSG) signal to/from the bus BMSG+ 37 RS-485 I/O Weak pulldown SCSI message (+MSG) signal to/from the bus BREQ – 49 RS-485 I/O Weak pullup SCSI request (– REQ) signal to/from the bus BREQ+ 48 RS-485 I/O Weak pulldown SCSI request (+REQ) signal to/from the bus BRST – 29 RS-485 I/O Weak pulldown SCSI reset (– RST) signal to/from the bus BRST+ 30 RS-485 I/O Weak pullup SCSI reset (+RST) signal to/from the bus BSEL – 33 RS-485 I/O Weak pulldown SCSI select (– SEL) signal to/from the bus BSEL+ 34 RS-485 I/O Weak pullup SCSI select (+SEL) signal to/from the bus CLK40 4 CMOS I Strong pulldown 40-MHz clock input DRVBUS 19 TTL O N/A Driver bus. A high-level logic signal that indicates the SCSI bus is in one of the information transfer phases. DSENS 3 TTL I Weak pullup A low-level input initializes the internal latches and disables all drivers. GND 5, 13–17, 40–44 N/A N/A N/A Supply common RESET 2 TTL I Weak pullup Reset. A low-level input initializes the internal latches and disables all drivers. RSTFLTR 1 TTL I Weak pullup Reset filter. Filtered input from the SCSI bus for a system reset. RSTFLTR differs from RESET by keeping the ARST and BRST drivers enabled. SDB 20 TTL O N/A A high-level logic signal that indicates a differential to single-ended data flow. TEST 7 TTL I Weak pulldown Test. A high-level input that places the device in a test mode (see Table 1). It is grounded during normal operation. TIMEOUT 9 Analog I/O N/A Time out. This signal connects to an external RC time constant for a time out during bus arbitration. VCC 12, 18, 39, 45 N/A N/A N/A 5-V supply voltage X1 /CLK20 55 CMOS I None 20-MHz crystal oscillator or clock input X2 56 Analog O None 20-MHz crystal oscillator feedback |