Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2181 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 2181
Szczegółowy opis  Lowpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2181 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  2181 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Lowpass
Filter
KR Model
2181
0.1 dB/div
100 KHz
6 MHz
100 KHz
100 MHz
10 dB/DIV
KR Part Number
2181
Filter Type
Video Lowpass with Sin(x)/x Correction
Insertion Loss
< 3 dB
End of Passband
5.75 MHz
Effective Passband Ripple
< 0.2 dB
Start of Stopband
20.25 MHz
Stopband Attenuation
> 45 dB
Group Delay Ripple
< 3 nsec
Group Delay Control to
5.5 MHz
Approximate Group Delay
80 nsec
Source and Load Impedance
75
Ω
Sampling Frequency
27 MHz
Epoxy Package
All leads .020” x .010”
Pin Identification
Pin 16 - Input
Pin
9 - Output
Pins 10 thru 15 - NC
Pins 1 thru 8 - Ground
All Dimensions inches
5 nsec/div
Specifications
Effective Passband & Group Delay
Overall Amplitude
Outline Drawing
Effective Passband
KR Electronics
www.krfilters.com
91 Avenel Street
Avenel, NJ 07001
732-636-1900


Podobny numer części - 2181

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gilway Technical Lamp
2181 GILWAY-2181 Datasheet
65Kb / 1P
T-1 Subminiature Lamps
logo
List of Unclassifed Man...
2181 ETC2-2181 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
logo
Alpha Wire
2181 ALPHAWIRE-2181 Datasheet
101Kb / 3P
Customer Specification
9/14/2022
logo
Keystone Electronics Co...
2181 KEYSTONE-2181 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Littelfuse
218100 LITTELFUSE-218100 Datasheet
216Kb / 2P
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
More results

Podobny opis - 2181

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com