Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2364 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 2364
Szczegółowy opis  Active Lowpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2364 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  2364 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Active
Lowpass
Filter
KR Model
2364
KR Part Number
2364
Filter Type
5 Hz Active Lowpass Filter
Approximate -3 dB Frequency
5 Hz
Attenuation at 16 Hz and above
> 40 dB
Gain
0 dB ± 0.1 dB
Supply Voltage
± 15 V
Supply Current
7 mA max
Operating Temperature
0° C to 70° C
Storage Temperature
0° C to 70° C
Epoxy Package
All Dimensions inches
Connect both ground pins to ground plane
KR Electronics
www.krfilters.com
91 Avenel Street
Avenel, NJ 07001
732-636-1900


Podobny numer części - 2364

ProducentNumer częściArkusz danychSzczegółowy opis
logo
3M Electronics
2364 3M-2364 Datasheet
29Kb / 2P
Performance Masking Tape
Feb-2011
logo
Heyco.
2364 HEYCO-2364 Datasheet
116Kb / 1P
Nylon Hose Clamps
logo
Keystone Electronics Co...
2364 KEYSTONE-2364 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
logo
TE Connectivity Ltd
2364072-1 TEC-2364072-1 Datasheet
254Kb / 1P
CABLE ASSEMBLY, 4 PAIR 4 COLUMN WHISPER RECEPTACLE TO 2X 0.5C SLIVER 2.0
2364072-2 TEC-2364072-2 Datasheet
254Kb / 1P
CABLE ASSEMBLY, 4 PAIR 4 COLUMN WHISPER RECEPTACLE TO 2X 0.5C SLIVER 2.0
More results

Podobny opis - 2364

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTC1563-2 LINER-LTC1563-2 Datasheet
146Kb / 12P
Active RC, 4th Order Lowpass Filter Family
LTC1563-2 LINER-LTC1563-2_1 Datasheet
311Kb / 20P
Active RC, 4th Order Lowpass Filter Family
logo
KR Electronics, Inc.
2195 KR-2195 Datasheet
31Kb / 1P
Active Lowpass Filter
2216 KR-2216 Datasheet
31Kb / 1P
Active Lowpass Filter
2321 KR-2321 Datasheet
28Kb / 1P
Active Lowpass Filter
2360 KR-2360 Datasheet
23Kb / 1P
Active Lowpass Filter
2376 KR-2376 Datasheet
15Kb / 1P
Active Lowpass Filter
2376-6000 KR-2376-6000 Datasheet
18Kb / 2P
Active Lowpass Filter
logo
Linear Technology
LTC1563-3 LINER-LTC1563-3_15 Datasheet
317Kb / 20P
Active RC, 4th Order Lowpass Filter Family
logo
KR Electronics, Inc.
2195-BNC KR-2195-BNC Datasheet
46Kb / 3P
16 Hz Active Lowpass Filter
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com