Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2381 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 2381
Szczegółowy opis  HDTV Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2381 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  2381 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 1
© 2001, KR Electronics, Inc.
KR Series 2381 Lowpass Filter
KR Series 2381 are high performance lowpass filters with
group delay equalization. The filters can be supplied with or
without Sin(x)/x correction. Passbands can be specified from
10 MHz to 50 MHz. The filters are available in a small SIP
package.
General Description
KR Electronics, Inc.
Features
High performance lowpass
Passbands from 10 to 50 MHz
Group delay equalization
Sin(x)/x correction available
Small SIP Package
Typical Performance
www.krfilters.com
Figure 1
Passband Response & Group Delay fc=30 MHz
(0.2 dB/div & 3 nsec/div) 100 KHz to 30 MHz
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Figure 2
Overall Response fc=30 MHz
(10 dB/div) 100 KHz to 100 MHz
1
2
0.000 000 MHz
REF=1
2_:-43.318 dB
13.5 MHz
1
30.000 000 MHz
2
1
27.000 000 MHz
0.2 dB/div
100 KHz
30 MHz
100 KHz
100 MHz
10 dB/DIV
3 nsec/div


Podobny numer części - 2381

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KR Electronics, Inc.
2381 KR-2381 Datasheet
23Kb / 2P
Lowpass Filter
logo
Santronics Inc
2381 SCS-2381 Datasheet
274Kb / 1P
DUAL CONDUCTOR METAL WRIST STRAP
June 2019
logo
Adafruit Industries
2381 ADAFRUIT-2381 Datasheet
88Kb / 2P
NinjaFlex - 1.75mm Diameter - Rose-Gold Blush - 0.5Kg
logo
Keystone Electronics Co...
2381 KEYSTONE-2381 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
logo
DESCO INDUSTRIES INC
238100 DESCO-238100 Datasheet
267Kb / 1P
Conductive Plastic Brushes
January 2018
More results

Podobny opis - 2381

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116 Datasheet
511Kb / 9P
Triple, 35MHz, 3rd Order HDTV Video Filter Driver
logo
Agamem Microelectronic ...
AA8616 AGAMEM-AA8616 Datasheet
39Kb / 1P
Triple, HDTV Video Filter Dirvers
AA8617 AGAMEM-AA8617 Datasheet
39Kb / 1P
Triple, HDTV Video Filter Dirvers
logo
KR Electronics, Inc.
2382 KR-2382 Datasheet
19Kb / 1P
HDTV Filter
2403 KR-2403 Datasheet
25Kb / 2P
HDTV ANTI-ALIASING FILTER
2404 KR-2404 Datasheet
25Kb / 2P
HDTV ANTI-ALIASING FILTER
2405 KR-2405 Datasheet
24Kb / 2P
HDTV ANTI-ALIASING FILTER
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_15 Datasheet
283Kb / 10P
HDTV Video Filter Driver
logo
Agamem Microelectronic ...
AA8681 AGAMEM-AA8681 Datasheet
342Kb / 1P
50MHz, 3rd ORDER HDTV VIDEO FILTER DRIVERS
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_17 Datasheet
1Mb / 11P
Triple, 38.5MHz, 6th-Order HDTV Video Filter Driver
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com