Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2475 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 2475
Szczegółowy opis  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2475 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  2475 Datasheet HTML 1Page - KR Electronics, Inc. 2475 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2003, KR Electronics, Inc.
CH1
S 21
log MAG
10 dB/
REF 0 dB
CENTER
.122 000 MHz
SPAN
.200 000 MHz
Cor
PRm
22 May 2003 12:08:19
KR 2475 Bandpass Filter
KR 2475 is a 122 KHz bandpass filter. The filter has a
minimum 1 dB bandwidth of 12 KHz. Other center frequencies
and bandwidths are available. Please consult the factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• 122 KHz Bandpass
• 50 dB Stopband
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Podobny numer części - 2475

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Adafruit Industries
2475 ADAFRUIT-2475 Datasheet
72Kb / 2P
PLA/PHA bambooFill for 3D Printers - 1.75mm Diameter - 600g
logo
Keystone Electronics Co...
2475 KEYSTONE-2475 Datasheet
403Kb / 1P
PLASTIC BATTERY HOLDERS
31-07 20th
logo
Weidmuller
2475310000 WEIDMULLER-2475310000 Datasheet
385Kb / 20P
AL4C 2.5
May 23, 2023 9:04:20 PM
2475310000 WEIDMULLER-2475310000 Datasheet
388Kb / 20P
AL4C 2.5 OR
May 23, 2023 9:04:58 PM
2475320000 WEIDMULLER-2475320000 Datasheet
678Kb / 10P
BUZ 10.16IT/04/180MF4 AG BK BX LRP
More results

Podobny opis - 2475

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com