Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

THS7001 Arkusz danych(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Numer części THS7001
Szczegółowy opis  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

THS7001 Arkusz danych(HTML) 12 Page - Texas Instruments

Back Button THS7001 Datasheet HTML 8Page - Texas Instruments THS7001 Datasheet HTML 9Page - Texas Instruments THS7001 Datasheet HTML 10Page - Texas Instruments THS7001 Datasheet HTML 11Page - Texas Instruments THS7001 Datasheet HTML 12Page - Texas Instruments THS7001 Datasheet HTML 13Page - Texas Instruments THS7001 Datasheet HTML 14Page - Texas Instruments THS7001 Datasheet HTML 15Page - Texas Instruments THS7001 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 29
THS7002 PREAMP
CHANNEL-TO-CHANNEL
CROSSTALK
–40
–60
100k
10M
100M
–90
f – Frequency – Hz
VCC = ±15 V & ±5 V
G = 2
VO(PP) = 1.3 V
RL = 1 kΩ
RF = 499 Ω
1M
Preamp–1 Input
Preamp–2 Output
–80
–50
–70
Preamp–2 Input
Preamp–1 Output
Figure 30
PREAMP-TO-PGA CROSSTALK
vs
FREQUENCY
–40
100k
f – Frequency – Hz
Preamp – Input
PGA – Output
–50
–60
–70
–80
–90
1M
10M
100M
VCC = ±15 V & ±5 V
RL = 1 kΩ
Preamp:
G = 2
RF = 499 Ω
PGA:
G = +2 dB
PGA – Input
Preamp – Output
Figure 31
PGA INPUT REFERRED VOLTAGE
NOISE
vs
FREQUENCY
10k
1k
100
10
10
100
1k
10k
100k
f – Frequency – Hz
1
G = – 22 dB
G = – 10 dB
G = – 16 dB
G = – 4 dB
G = + 2 dB
G = + 8 dB
G = +14 dB
G = +20 dB
Figure 32
PGA CHANNEL-TO-CHANNEL
GAIN ACCURACY
vs
GAIN SETTING
Gain Setting – dB
0.4
0.3
0.2
0.1
0
–0.1
–25 –20 –15 –10 –5
0
5
–0.2
–0.3
–0.4
10
15
20
VCC = 25_ C
VCC = ±5 V
VCC = ±15 V
Figure 33
–0.4
–0.3
–0.2
–0.1
–0.0
0.1
0.2
0.3
0.4
–40
–20
0
20
40
60
80
100
NORMALIZED PGA GAIN
ACCURACY
vs
TEMPERATURE
TA – Free-AiirTemperature – °C
VCC=±5 V ±15 V
Typical For All Gains
Figure 34
PGA FREQUENCY RESPONSE
26
2
100k
10M
100M
–28
f – Frequency – Hz
1M
G = 1,1,1
–22
20
–4
VCC = ±15 V
RL = 1 kΩ
VO(PP) =
0.4 V
–16
–10
8
14
1G
G = 1,1,0
G = 1,0,1
G = 1,0,0
G = 0,1,1
G = 0,1,0
G = 0,0,1
G = 0,0,0
Figure 35
PGA FREQUENCY RESPONSE
26
2
100k
10M
100M
–28
f – Frequency – Hz
1M
G = 1,1,1
–22
20
–4
VCC = ± 5 V
RL = 1 kΩ
VO(PP) =
0.4 V
–16
–10
8
14
1G
G = 1,1,0
G = 1,0,1
G = 1,0,0
G = 0,1,1
G = 0,1,0
G = 0,0,1
G = 0,0,0
Figure 36
PGA LARGE AND SMALL
SIGNAL FREQUENCY
RESPONSE
100k
10M
100M
f – Frequency – Hz
1M
1G
12
VO(PP) = 3.2 V
6
VO(PP) = 1.6 V
0
VO(PP) = 0.8 V
–12
VO(PP) = 0.2 V
–6
VO(PP) = 0.4 V
VCC = ± 5 V
RL = 1 kΩ
G = +2 dB
–18
18
Figure 37
PGA LARGE AND SMALL
SIGNAL FREQUENCY
RESPONSE
100k
10M
100M
f – Frequency – Hz
1M
12
VO(PP) = 3.2 V
6
VO(PP) = 1.6 V
0
VO(PP) = 0.8 V
–12
VO(PP) = 0.2 V
–6
VO(PP) = 0.4 V
VCC = ± 15 V
RL = 1 kΩ
G = +2 dB
–18
18
1G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com