| Zakładka z wyszukiwarką danych komponentów |
|
TL062CD Arkusz danych(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL062CD Arkusz danych(HTML) 19 Page - Texas Instruments |
|
19 / 23 page ![]() TL061, TL061A, TL061B, TL061Y, TL062, TL062A TL062B, TL062Y, TL064, TL064A, TL064B, TL064Y LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS SLOS078F – NOVEMBER 1978 – REVISED JANUARY 1999 19 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION Table of Application Diagrams APPLICATION DIAGRAM PART NUMBER FIGURE Instrumentation amplifier TL064 19 0.5-Hz square-wave oscillator TL061 20 High-Q notch filter TL061 21 Audio-distribution amplifier TL064 22 Low-level light detector preamplifier TL061 23 AC amplifier TL061 24 Microphone preamplifier with tone control TL061 25 Instrumentation amplifier TL062 26 IC preamplifier TL062 27 + – TL064 VCC+ VCC– 100 k Ω Input B 10 k Ω 0.1% 0.1% 10 k Ω VCC– VCC+ TL064 Input A VCC+ TL064 VCC– 100 k Ω 10 k Ω 0.1% 10 k Ω 0.1% TL064 VCC– VCC+ 100 k Ω 100 k Ω Output 1 M Ω Figure 19. Instrumentation Amplifier TL061 –15 V 15 V Output 1 k Ω 9.1 k Ω 3.3 k Ω CF = 3.3 µF RF = 100 kΩ 3.3 k Ω f + 1 2 p R F C F Figure 20. 0.5-Hz Square-Wave Oscillator TL061 R2 R1 C1 C2 R3 C3 VCC– VCC+ Output Input C1 + C2 + C3 2 + 110 pF fo + 1 2 p R1 C1 + 1kHz R1 = R2 = 2 × R3 = 1.5 MΩ Figure 21. High-Q Notch Filter |