Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2761 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 2761
Szczegółowy opis  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2761 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  2761 Datasheet HTML 1Page - KR Electronics, Inc. 2761 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2007, KR Electronics, Inc.
CH1
S21
LOG
1 dB/
REF 0 dB
Cor
CH2
S21
DEL
5 ns/
REF 40 ns
START
65 . 000
000
MHz
STOP
75 . 000
000
MHz
Cor
Smo
16 Feb 2007 11:02:04
CH1
S21
LOG
10 dB/
REF 0 dB
CENTER
70 . 000
000
MHz
SPAN
119 . 000
000
MHz
Cor
16 Feb 2007 11:02:53
KR Electronics
KR 2761 is a 70 MHz surface mount bandpass filter. Other
center frequencies and bandwidths available. Please consult
the factory.
General Description
KR Electronics, Inc.
Features
• 70 MHz Center Frequency
• 1 dB Bandwidth, 10 MHz min
• Surface Mount Package
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 5 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Podobny numer części - 2761

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Heyco.
2761 HEYCO-2761 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
Fair-Rite Products Corp...
2761001111 FAIR-RITE-2761001111 Datasheet
582Kb / 5P
61 BEAD ON LEAD
2761001111 FAIR-RITE-2761001111 Datasheet
1Mb / 2P
Beads- on- Leads
2761001111 FAIR-RITE-2761001111_18 Datasheet
1Mb / 2P
Beads- on- Leads
2761001112 FAIR-RITE-2761001112 Datasheet
613Kb / 5P
61 BEAD ON LEAD
More results

Podobny opis - 2761

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com