Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLC0820ACFN Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TLC0820ACFN
Szczegółowy opis  Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TLC0820ACFN Arkusz danych(HTML) 4 Page - Texas Instruments

  TLC0820ACFN Datasheet HTML 1Page - Texas Instruments TLC0820ACFN Datasheet HTML 2Page - Texas Instruments TLC0820ACFN Datasheet HTML 3Page - Texas Instruments TLC0820ACFN Datasheet HTML 4Page - Texas Instruments TLC0820ACFN Datasheet HTML 5Page - Texas Instruments TLC0820ACFN Datasheet HTML 6Page - Texas Instruments TLC0820ACFN Datasheet HTML 7Page - Texas Instruments TLC0820ACFN Datasheet HTML 8Page - Texas Instruments TLC0820ACFN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TLC0820AC, TLC0820AI
Advanced LinCMOS
™ HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL
CONVERTERS USING MODIFIED FLASH TECHNIQUES
SLAS064A – SEPTEMBER 1986 – REVISED JUNE 1994
2–4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC (see Note 1)
10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, all inputs (see Note 1)
– 0.2 V to VCC+0.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, all outputs (see Note 1)
– 0.2 V to VCC+0.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: TLC0820AC
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC0820AI
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds: FN package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: DB, DW or N package
260
°C
. . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to network GND.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
8
V
Analog input voltage
– 0.1
VCC + 0.1
V
Positive reference voltage, Vref +
Vref –
VCC
V
Negative reference voltage, Vref –
GND
Vref+
V
High level input voltage VIH
VCC =4 75Vto5 25 V
CS, WR/RDY, RD
2
V
High-level input voltage, VIH
VCC = 4.75 V to 5.25 V
MODE
3.5
V
Low level input voltage VIL
VCC =4 75Vto5 25 V
CS, WR/RDY, RD
0.8
V
Low-level input voltage, VIL
VCC = 4.75 V to 5.25 V
MODE
1.5
V
Pulse duration, write in write-read mode, tw(W) (see Figures 2, 3, and 4)
0.5
50
µs
Operating free air temperature TA
TLC0820AC
0
70
°C
Operating free-air temperature, TA
TLC0820AI
–40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com