| Zakładka z wyszukiwarką danych komponentów |
|
TLC2201ACD Arkusz danych(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2201ACD Arkusz danych(HTML) 39 Page - Texas Instruments |
|
39 / 62 page ![]() TLC220x, TLC220xA, TLC220xB, TLC220xY Advanced LinCMOS ™ LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS SLOS175 – FEBRUARY 1997 39 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2202M operating characteristics at specified free-air temperature, VDD = 5 V PARAMETER TEST CONDITIONS T † TLC2202AM TLC2202BM UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VO =0 5Vto2 5V 25 °C 16 25 16 25 SR Slew rate at unity gain VO = 0.5 V to 2.5 V, RL 10 kΩ 25 °C 1.6 2.5 1.6 2.5 V/ µs SR Slew rate at unity gain RL = 10 kΩ, CL = 100 pF Full range 0.9 1.1 V/ µs V Equivalent input noise voltage f = 10 Hz 25 °C 18 35* 18 30* nV/ √Hz Vn qg (see Note 5) f = 1 kHz 25 °C 8 15* 8 12* nV/ √Hz VN(PP) Peak-to-peak equivalent input f = 0.1 to 1 Hz 25 °C 0.5 0.5 µV VN(PP) q noise voltage f = 0.1 to 10 Hz 25 °C 0.7 0.7 µV In Equivalent input noise current 25 °C 0.6 0.6 fA/ √Hz f = 10 kHz, Gain-bandwidth product , RL = 10 kΩ, 25 °C 1.9 1.9 MHz L CL = 100 pF φ Phase margin at unity gain RL = 10 kΩ, 25 °C 47 ° 47 ° φm Phase margin at unity gain L CL = 100 pF 25 °C 47 ° 47 ° * On products compliant to MIL-PRF-38535, Class B, this parameter is not production tested. † Full range is – 55 °C to 125°C NOTE 5: This parameter is tested on a sample basis for the TLC2202A and on all devices for the TLC2202B. For other test requirements, please contact the factory. This statement has no bearing on testing or nontesting of other parameters. |