| Zakładka z wyszukiwarką danych komponentów |
|
TLC072AIP Arkusz danych(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC072AIP Arkusz danych(HTML) 17 Page - Texas Instruments |
|
17 / 48 page ![]() TLC070, TLC071, TLC072, TLC073, TLC074, TLC075, TLC07xA FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS SLOS219E − JUNE 1999 − REVISED SEPTEMBER 2006 17 WWW.TI.COM POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 TYPICAL CHARACTERISTICS Figure 43 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 0 1020 304050 6070 80 −2 −4 2 6 t - Time - µs 0 −6 4 Shutdown Pulse SD Off VDD = 5 V CL= 8 pF TA = 25°C IDD RL = 600 Ω IDD RL = 10 kΩ SHUTDOWN PULSE Figure 44 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 0 1020 304050 6070 80 −2 −4 2 6 t - Time - µs 0 −6 4 Shutdown Pulse SD Off VDD = 12 V CL= 8 pF TA = 25°C IDD RL = 600 Ω IDD RL = 10 kΩ SHUTDOWN PULSE PARAMETER MEASUREMENT INFORMATION _ + Rnull RL CL Figure 45 APPLICATION INFORMATION input offset voltage null circuit The TLC070 and TLC071 has an input offset nulling function. Refer to Figure 46 for the diagram. N1 100 k Ω N2 R1 VDD − OUT IN − IN + NOTE A: R1 = 5.6 k Ω for offset voltage adjustment of ±10 mV. R1 = 20 k Ω for offset voltage adjustment of ±3 mV. Figure 46. Input Offset Voltage Null Circuit |