| Zakładka z wyszukiwarką danych komponentów |
|
PLCS232P2L3 Arkusz danych(PDF) 3 Page - OPLINK Communications Inc. |
|
|
|||||||||||||||||||||||||||||
PLCS232P2L3 Arkusz danych(HTML) 3 Page - OPLINK Communications Inc. |
|
3 / 3 page ![]() PLCS Ordering Information Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM design team or account manager for your requirements and ordering information (510) 933-7200. 2 0 0 Splitting Type 1x4= 104 1x8= 108 1x16= 116 1x32= 132 1x64= 164 2x4= 204 2x8= 208 2x16= 216 2x32= 232 2x64= 264 Grade Packaging Type* Rack-mount Bracket Type 1W LGX= 1L 2W LGX= 2L 3W LGX= 3L 1RU Rack-mount Chassis= 1R 2RU Rack-mount Chassis= 2R N/A for LGX Packaging = 0 19” Rack-mount = 1 ETSI Rack-mount = 2 23” Rack-mount = 3 Connector Type 1=FC/PC 2=FC/SPC 3=FC/APC 4=SC/PC 5=SC/SPC 6=SC/APC 8=LC/PC A=LC/APC Planar Lightwave Circuit Splitter Modules PLCS2 Series R01.20080807 S Grade= S P Grade= P * Refer the following table for packaging choices. Splitter Type Packaging Choices SC Connector Type LC Connector Type FC Connector Type 1x4 1W LGX, 1RU Rack-mount Chassis 1W LGX, 1RU Rack-mount Chassis 1W LGX, 1RU Rack-mount Chassis 2x4 1W LGX, 1RU Rack-mount Chassis 1W LGX, 1RU Rack-mount Chassis 1W LGX, 1RU Rack-mount Chassis 1x8 2W LGX, 1RU Rack-mount Chassis 1W LGX, 1RU Rack-mount Chassis 2W LGX, 1RU Rack-mount Chassis 2x8 2W LGX, 1RU Rack-mount Chassis 1W LGX, 1RU Rack-mount Chassis 2W LGX, 1RU Rack-mount Chassis 1x16 3W LGX, 1RU Rack-mount Chassis 2W LGX, 1RU Rack-mount Chassis 3W LGX, 1RU Rack-mount Chassis 2x16 3W LGX, 1RU Rack-mount Chassis 2W LGX, 1RU Rack-mount Chassis 3W LGX, 1RU Rack-mount Chassis 1x32 1RU Rack-mount Chassis 1RU Rack-mount Chassis 1RU Rack-mount Chassis 2x32 1RU Rack-mount Chassis 1RU Rack-mount Chassis 1RU Rack-mount Chassis 1x64 1RU Rack-mount Chassis 1RU Rack-mount Chassis 2RU Rack-mount Chassis 2x64 1RU Rack-mount Chassis 1RU Rack-mount Chassis 2RU Rack-mount Chassis In order to meet different rack-mount applications, additional rack-mount brackets are also available. Please refer the fol- lowing table for ordering information. Oplink Part Number Product Description OMSSBR19IEC0000 1RU 19” Rack-mount Brackets (one pair) OMSSBRETSI00000 1RU ETSI Rack-mount Brackets (one pair) OMSSBR230000000 1RU 23” Rack-mount Brackets (one pair) |