| Zakładka z wyszukiwarką danych komponentów |
|
TLE207XY Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE207XY Arkusz danych(HTML) 4 Page - Texas Instruments |
|
4 / 77 page ![]() TLE207x, TLE207xA, TLE207xY EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS181A – FEBRUARY 1997 – REVISED MARCH 2000 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2071Y chip information This chip, when properly assembled, displays characteristics similar to the TLE2071C. Thermal compression or ultrasonic bonding may be used on the doped-aluminum bonding pads. Chips may be mounted with conductive epoxy or a gold-silicon preform. BONDING PAD ASSIGNMENTS CHIP THICKNESS: 15 TYPICAL BONDING PADS: 4 × 4 MINIMUM TJmax = 150°C TOLERANCES ARE ±10%. ALL DIMENSIONS ARE IN MILS. PIN (4) IS INTERNALLY CONNECTED TO BACKSIDE OF THE CHIP. + – OUT IN + IN – VCC + (6) (3) (2) (5) (1) (7) (4) OFFSET N1 OFFSET N2 VCC – 58 85 (1) (2) (4) (5) (6) (7) (8) (3) |