| Zakładka z wyszukiwarką danych komponentów |
|
TLE2072ACD Arkusz danych(PDF) 64 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2072ACD Arkusz danych(HTML) 64 Page - Texas Instruments |
|
64 / 77 page ![]() TLE207x, TLE207xA, TLE207xY EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS181A – FEBRUARY 1997 – REVISED MARCH 2000 64 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 54 0.01 1 10 100 1 k 10 k 100 k Noise Bandwidth – Hz 1 0.1 10 100 INPUT-REFERRED NOISE VOLTAGE vs NOISE BANDWIDTH VCC ± = ±15 V VIC = 0 RS = 20 Ω TA = 25°C Peak-to-Peak RMS Figure 55 0.3 0 – 0.3 – 0.6 0 1 2 3456 0.6 0.9 t – Time – s INPUT-REFERRED NOISE VOLTAGE OVER A 10-SECOND TIME INTERVAL 1.2 789 10 VCC ± = ±15 V f = 0.1 to 10 Hz TA = 25°C Figure 56 – 90 – 95 –100 –115 10 15 20 25 30 35 – 85 – 80 Frequency Bands THIRD-OCTAVE SPECTRAL NOISE DENSITY vs FREQUENCY BANDS – 75 40 45 VCC ± = ±15 V Start Frequency: 12.5 Hz Stop Frequency: 20 kHz –105 –110 VIC = 0 TA = 25°C Figure 57 0.001 10 100 1 k 10 k 100 k 0.01 f – Frequency – Hz TOTAL HARMONIC DISTORTION PLUS NOISE vs FREQUENCY 0.1 1 VCC ± = ±5 V VO(PP) = 5 V TA = 25°C Filter: 10-Hz to 500-kHz Band Pass AV = 100, RL = 600 Ω AV = 100, RL = 2 kΩ AV = 10, RL = 2 kΩ AV = 10, RL = 600 Ω |