| Zakładka z wyszukiwarką danych komponentów |
|
TLE2072CP Arkusz danych(PDF) 62 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2072CP Arkusz danych(HTML) 62 Page - Texas Instruments |
|
62 / 77 page ![]() TLE207x, TLE207xA, TLE207xY EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS181A – FEBRUARY 1997 – REVISED MARCH 2000 62 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 46 0 2.5 5 7.5 10 12.5 15 17.5 20 22.5 25 0 –12 – 36 – 48 – 60 48 – 24 24 12 36 SHORT-CIRCUIT OUTPUT CURRENT vs SUPPLY VOLTAGE 60 VO = 0 TA = 25°C VID = – 1 V VID = 1 V |VCC ±| – Supply Voltage – V Figure 47 10 –10 – 20 – 50 0 60 120 30 40 t – Elapsed Time – s 50 180 20 0 SHORT-CIRCUIT OUTPUT CURRENT vs ELAPSED TIME VCC ± = ±15 V VID = – 1 V VID = 1 V – 30 – 40 VO = 0 TA = 25°C Figure 48 TA – Free-Air Temperature – °C 0 – 16 – 48 – 64 – 80 64 – 32 –75 – 55 – 35 –15 5 25 45 32 16 48 SHORT-CIRCUIT OUTPUT CURRENT† vs FREE-AIR TEMPERATURE 80 65 85 105 125 VCC ± = ±15 V VCC ± = ±15 V VCC ± = ±5 V VCC ± = ±5 V VID = – 1 V VID = 1 V VO = 0 Figure 49 TA – Free-Air Temperature – °C 35 33 29 27 25 43 31 –75 – 55 – 35 –15 5 25 45 39 37 41 SLEW RATE† vs FREE-AIR TEMPERATURE 45 65 85 105 125 SR – SR + RL = 2 kΩ CL = 100 pF VCC ± = ±15 V † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |