| Zakładka z wyszukiwarką danych komponentów |
|
TLE2072AIP Arkusz danych(PDF) 68 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2072AIP Arkusz danych(HTML) 68 Page - Texas Instruments |
|
68 / 77 page ![]() TLE207x, TLE207xA, TLE207xY EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS181A – FEBRUARY 1997 – REVISED MARCH 2000 68 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION input characteristics The TLE207x, TLE207xA, and TLE207xB are specified with a minimum and a maximum input voltage that if exceeded at either input could cause the device to malfunction. Because of the extremely high input impedance and resulting low bias current requirements, the TLE207x, TLE207xA, and TLE207xB are well suited for low-level signal processing; however, leakage currents on printed-circuit boards and sockets can easily exceed bias current requirements and cause degradation in system performance. It is good practice to include guard rings around inputs (see Figure 70). These guards should be driven from a low-impedance source at the same voltage level as the common-mode input. VI R2 R1 VI R4 + – VO R3 VI + – VO VO + – R3 R4 + R2 R1 Where Figure 70. Use of Guard Rings TLE2071 input offset voltage nulling The TLE2071 series offers external null pins that can be used to further reduce the input offset voltage. The circuit of Figure 71 can be connected as shown if the feature is desired. When external nulling is not needed, the null pins may be left unconnected. + – VCC – N2 N1 100 k Ω 5 k Ω IN – IN + OUT Figure 71. Input Offset Voltage Nulling |