| Zakładka z wyszukiwarką danych komponentów |
|
TLE2142ACDG4 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2142ACDG4 Arkusz danych(HTML) 2 Page - Texas Instruments |
|
2 / 70 page ![]() TLE214x, TLE214xA EXCALIBUR LOW NOISE HIGHSPEED PRECISION OPERATIONAL AMPLIFIERS SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2141 AVAILABLE OPTIONS PACKAGED DEVICES TA VIOmax AT 25 °C SMALL OUT- LINE† (D) CERAMIC DIP (JG) PLASTIC DIP (P) 0 °C to 70°C 500 µV 900 µV TLE2141ACD TLE2141CD — TLE2141ACP TLE2141CP −40 °C to 105°C 500 µV 900 µV TLE2141AID TLE2141ID — TLE2141AIP TLE2141IP −55 °C to 125°C 500 µV 900 µV — TLE2141MD TLE2141AMJG TLE2141MJG — — † The D packages are available taped and reeled. Add R suffix to device type (e.g., TLE2141ACDR). TLE2142 AVAILABLE OPTIONS PACKAGED DEVICES TA VIOmax AT 25 °C SMALL OUTLINE† (D) CHIP CARRIER (FK) CERAMIC DIP (JG) PLASTIC DIP (P) TSSOP‡ (PW) CERAMIC FLAT PACK (U) 0 °C to 70°C 750 µV TLE2142ACD — — TLE2142ACP — — 0 °C to 70°C 1200 µV TLE2142CD — — TLE2142CP TLE2142CPWLE — −40 °C to 105°C 750 µV TLE2142AID — — TLC2142AIP — — −40 °C to 105°C 1200 µV TLE2142ID — — TLC2142IP — — −55 °C to 125°C 750 µV TLE2142AMD TLE2142AMFK TLE2142AMJG — — TLE2142AMU −55 °C to 125°C 1200 µV TLE2142MD TLE2142MFK TLE2142MJG — — TLE2142MU † The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC2142ACDR). ‡ The PW packages are available left-ended taped and reeled. Add LE the suffix to device type (e.g., TLC2142CPWLE). TLE2144 AVAILABLE OPTIONS VIOmax PACKAGED DEVICES TA VIOmax AT 25 °C SMALL OUTLINE† (DW) CHIP CARRIER (FK) CERAMIC DIP (J) PLASTIC DIP (N) 0 °C to 70°C 1.5 mV 2.4 mV — TLE2144CDW — — — — TLE2144ACN TLE2144CN −40 °C to 105°C 1.5 mV 2.4 mV — TLE2144IDW — — — — TLE2144AIN TLE2144IN −55 °C to 125°C 1.5 mV 2.5 mV — TLE2144MDW TLE2144AMFK TLE2144MFK TLE2144AMJ TLE2144MJ — — † The DW packages are available taped and reeled. Add R suffix to device type (e.g., TLE2144CDWR). symbol + − OUT IN + IN − OFFSET N1 (see Note A) OFFSET N2 (see Note A) NOTES: A. OFFSET N1 AND OFFSET N2 are only availiable on the TLE2241x devices. |