| Zakładka z wyszukiwarką danych komponentów |
|
TLV4110CD Arkusz danych(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV4110CD Arkusz danych(HTML) 13 Page - Texas Instruments |
|
13 / 21 page ![]() TLV4110, TLV4111, TLV4112, TLV4113 FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN SLOS289A – DECEMBER 1999 – REVISED APRIL 2000 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION general PowerPAD design considerations The TLV411x is available in a thermally-enhanced PowerPAD family of packages. These packages are constructed using a downset leadframe upon which the die is mounted [see Figure 27(a) and Figure 27(b)]. This arrangement results in the lead frame being exposed as a thermal pad on the underside of the package [see Figure 27(c)]. Because this thermal pad has direct thermal contact with the die, excellent thermal performance can be achieved by providing a good thermal path away from the thermal pad. The PowerPAD package allows for both assembly and thermal management in one manufacturing operation. During the surface-mount solder operation (when the leads are being soldered), the thermal pad can also be soldered to a copper area underneath the package. Through the use of thermal paths within this copper area, heat can be conducted away from the package into either a ground plane or other heat dissipating device. The PowerPAD package represents a breakthrough in combining the small area and ease of assembly of surface mount with the, heretofore, awkward mechanical methods of heatsinking. DIE Side View (a) End View (b) Bottom View (c) DIE Thermal Pad NOTE A: The thermal pad is electrically isolated from all terminals in the package. Figure 27. Views of Thermally Enhanced DGN Package Although there are many ways to properly heatsink the PowerPAD package, the following steps illustrate the recommended approach. 68 mils x 70 mils) with 5 vias (Via diameter = 13 mils Thermal Pad Area Single or Dual Figure 28. PowerPAD PCB Etch and Via Pattern |