| Zakładka z wyszukiwarką danych komponentów |
|
TMS320C44 Arkusz danych(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C44 Arkusz danych(HTML) 13 Page - Texas Instruments |
|
13 / 42 page ![]() TMS320C44 DIGITAL SIGNAL PROCESSOR SPRS031B – AUGUST 1994 – REVISED DECEMBER 1995 13 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 memory aliasing The ’320C44 offers global and local addresses of A0 – A23 and LA0 – LA23, giving an external address reach of (2 buses) × (224) = 225 words. Since the internal address span of the ’320C44 is 232 words, reading or writing to memory outside of the base-address region causes memory aliasing. Figure 2 shows how the memory pages overlap each other. External Alias n External Alias 1 External Alias 2 Local Bus 0x7F00 0000 0x0200 0000 0x02FF FFFF 0x0100 0000 0x7FFFFFFF 0x01FF FFFF External Alias n External Alias 1 External Alias 2 Global Bus 0xFF00 0000 0x8200 0000 0x82FF FFFF 0x8100 0000 0xFFFFFFFF 0x81FF FFFF Base-Address Region 0x0000 0000 0x00FF FFFF Base-Address Region 0x8000 0000 0x80FF FFFF Figure 2. Memory Alias central processing unit The ’320C44 CPU is configured for high-speed internal parallelism for the highest sustained performance. The key features of the CPU are: D Eight operations/cycle: – 40- / 32-bit floating-point / integer multiply – 40- / 32-bit floating-point / integer ALU operation – Two data accesses – Two address-register updates D Floating-point conversion D Divide and square-root support D ’C3x and ’C4x assembly-language compatibility D Byte and halfword accessibility |