Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F241FN Arkusz danych(PDF) 30 Page - Texas Instruments

Numer części TMS320F241FN
Szczegółowy opis  DSP CONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN Arkusz danych(HTML) 30 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 26Page - Texas Instruments TMS320F241FN Datasheet HTML 27Page - Texas Instruments TMS320F241FN Datasheet HTML 28Page - Texas Instruments TMS320F241FN Datasheet HTML 29Page - Texas Instruments TMS320F241FN Datasheet HTML 30Page - Texas Instruments TMS320F241FN Datasheet HTML 31Page - Texas Instruments TMS320F241FN Datasheet HTML 32Page - Texas Instruments TMS320F241FN Datasheet HTML 33Page - Texas Instruments TMS320F241FN Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
TMS320C242
DSP CONTROLLER
SPRS063B – DECEMBER 1997 – REVISED DECEMBER 1999
30
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
dual-access RAM (DARAM)
There are 544 words
× 16 bits of DARAM on the ’C242 device. The ’C242 DARAM allows writes to and reads
from the RAM in the same cycle. The DARAM is configured in three blocks: block 0 (B0), block 1 (B1), and
block 2 (B2). Block 1 contains 256 words and Block 2 contains 32 words, and both blocks are located only in
data memory space. Block 0 contains 256 words, and can be configured to reside in either data or program
memory space. The SETC CNF (configure B0 as data memory) and CLRC CNF (configure B0 as program
memory) instructions allow dynamic configuration of the memory maps through software.
When using on-chip RAM, or high-speed external memory, the ’C242 runs at full speed with no wait states. The
ability of the DARAM to allow two accesses to be performed in one cycle, coupled with the parallel nature of
the ’C242 architecture, enables the device to perform three concurrent memory accesses in any given machine
cycle. Externally, the READY line can be used to interface the ’C242 to slower, less expensive external memory.
Downloading programs from slow off-chip memory to on-chip RAM can speed processing while cutting system
costs.
ROM
The ’C242 device contains 4K words of mask-programmable ROM located in program memory space.
Customers can arrange to have this ROM programmed with contents unique to any particular application.
peripherals
The integrated peripherals of the TMS320x24x are described in the following subsections:
D Event-manager (EV2) module
D Analog-to-digital converter (ADC) module
D Serial communications interface (SCI) module
D Watchdog (WD) timer module
event-manager (EV2) module
The event-manager module includes general-purpose (GP) timers, full compare/PWM units, capture units, and
quadrature-encoder pulse (QEP) circuits. Figure 9 shows the functions of the event manager.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66