| Zakładka z wyszukiwarką danych komponentów |
|
TMS320LC17 Arkusz danych(PDF) 94 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320LC17 Arkusz danych(HTML) 94 Page - Texas Instruments |
|
94 / 146 page ![]() TMS320C16 DIGITAL SIGNAL PROCESSOR SPRS009C – JANUARY 1987 – REVISED JULY 1991 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77001 94 interfacing latches to the TMS320C16 As with the previous devices, the memory control signal must be directly connected to the latch and the latch needs to have a separate chip select. There are several devices with this feature, including the SN74ALS996. The SN74ALS996 is an 8-bit D-type edge-triggered read-back latch with three-state outputs, connected to the ′C16 as illustrated in Figure 17. EN IOEN TMS320C16 ALS996A x 2 ALS 138 RD CLK D15-D0 IOWE D15-D0 A2 A1 A0 Decoder Figure 17. |